Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

RF5345 Datasheet(PDF) 5 Page - RF Micro Devices

Part # RF5345
Description  2.4GHz TO 2.5GHz, 802.11b/g/n WiFi FRONT END MODULE
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RF5345 Datasheet(HTML) 5 Page - RF Micro Devices

  RF5345 Datasheet HTML 1Page - RF Micro Devices RF5345 Datasheet HTML 2Page - RF Micro Devices RF5345 Datasheet HTML 3Page - RF Micro Devices RF5345 Datasheet HTML 4Page - RF Micro Devices RF5345 Datasheet HTML 5Page - RF Micro Devices RF5345 Datasheet HTML 6Page - RF Micro Devices RF5345 Datasheet HTML 7Page - RF Micro Devices RF5345 Datasheet HTML 8Page - RF Micro Devices RF5345 Datasheet HTML 9Page - RF Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 20 page
background image
5 of 20
RF5345
DS120215
7628 Thorndike Road, Greensboro, NC 27409-9421 · For sales or technical
support, contact RFMD at (+1) 336-678-5570 or sales-support@rfmd.com.
Pin
Function
Description
1LNA BIAS
Voltage supply for the LNA. Without LNA Bias “on”, the LNA will be switched into Bypass Mode.
2RX OUT
Receive port for 802.11b/g/n band. Internally matched to 50
. DC block provided.
3TX IN
RF input for the 802.11b/g/n PA. Input is matched to 50
 and DC block is provided.
4VREG
Regulated voltage for the PA bias control circuit. An external bypass capacitor may be needed on the VREG line for decou-
pling purposes.
5PDETECT
Power detector voltage for TX operation. PDET voltage varies with output power. May need external decoupling.
6VCC B
Supply voltage for the bias circuit of the PA. Add an external 56pF bypass capacitor for low frequency decoupling.
7
VCC 1
Supply voltage for the first stage of the PA. Add an external 1nF capacitor for low frequency decoupling.
8N/C
No connect.
9
VCC 2
Supply voltage for the second stage of the PA. Add an external 0.1uF capacitor for low frequency decoupling.
10
GND
Ground.
11
ANT
Antenna port. This pin is internally matched for a 50
 load and it is a DC short to ground. See functional block diagram
for more details.
12
C BT
Bluetooth® Mode. BT will always assert this pin when transmitting, or when receiving in BT-only mode. See truth
table for proper settings.
13
BT
Bluetooth® RF Port.
14
C TX
Transmit Mode. See truth table for proper settings.
15
C RX
Receive Mode. See truth table for proper settings.
16
C SHARED
RX
Shared mode operation between WiFi receive and Bluetooth® receive. Switch acts as a 3dB splitter. See truth
table for proper settings.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com