Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

RF5745 Datasheet(PDF) 4 Page - RF Micro Devices

Part # RF5745
Description  2.4GHz TO 2.5GHz, 802.11b/g/n SINGLE-BAND FRONT END MODULE
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RF5745 Datasheet(HTML) 4 Page - RF Micro Devices

  RF5745 Datasheet HTML 1Page - RF Micro Devices RF5745 Datasheet HTML 2Page - RF Micro Devices RF5745 Datasheet HTML 3Page - RF Micro Devices RF5745 Datasheet HTML 4Page - RF Micro Devices RF5745 Datasheet HTML 5Page - RF Micro Devices RF5745 Datasheet HTML 6Page - RF Micro Devices RF5745 Datasheet HTML 7Page - RF Micro Devices RF5745 Datasheet HTML 8Page - RF Micro Devices RF5745 Datasheet HTML 9Page - RF Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
4 of 11
RF5745
DS120214
7628 Thorndike Road, Greensboro, NC 27409-9421 · For sales or technical
support, contact RFMD at (+1) 336-678-5570 or sales-support@rfmd.com.
Isolation Table
Switch Control Logic
*The FEM can simultaneously receive WiFi and BluetoothTM in the WiFi RX and BT RX Mode.
Parameter
Specification
Unit
Condition
Min.
Typ.
Max.
2.4GHz Receive Parameters
Frequency
2.4
2.5
GHz
Receive Gain
12
dB
WiFi RX mode only
8
dB
WiFi RX and BT RX mode
Noise Figure
2.5
dB
WiFi RX mode only
8
dB
WiFi RX and BT RX mode
Passband Ripple
-1
+1
dB
Output Return Loss
9.6
dB
Output Impedance
50
No external matching
LNA Current
10
13
mA
Input IP3
+9
dBm
BluetoothTM Parameters
Frequency
2.4
2.5
GHz
Insertion Loss
1.2
dB
SP3T switch, all unused ports terminated into
their nominal impedance. BluetoothTM mode
only
5
dB
WiFi RX and BT RX mode
Passband Ripple
-0.2
+0.2
dB
Input/Output Power
8
dBm
Output Return Loss
9.6
dB
Output Impedance
50
No external matching
Current Consumption
30
A
Switch leakage current
*The EVM specification is obtained with a signal generator that has an EVM level <0.7%.
Parameter
Min.
Typ.
Max.
Unit
WiFi RX to BT RX/TX
20
dB
WiFi TX to BT RX/TX
20
dB
WiFi RX to WiFi TX
20
dB
WiFi RX and BT RX Mode
9
dB
Mode
C_RX
C_TX
C_BT
BluetoothTM
LL
H
WiFi Tx
L
H
L
WiFi Rx
H
L
L
WiFi Rx/BT
H
L
H



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com