Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

RF5755SQ Datasheet(PDF) 6 Page - RF Micro Devices

Part # RF5755SQ
Description  2.4GHz TO 2.5GHz 802.11b/g/n WiFi FRONT END MODULE
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RF5755SQ Datasheet(HTML) 6 Page - RF Micro Devices

Back Button RF5755SQ Datasheet HTML 2Page - RF Micro Devices RF5755SQ Datasheet HTML 3Page - RF Micro Devices RF5755SQ Datasheet HTML 4Page - RF Micro Devices RF5755SQ Datasheet HTML 5Page - RF Micro Devices RF5755SQ Datasheet HTML 6Page - RF Micro Devices RF5755SQ Datasheet HTML 7Page - RF Micro Devices RF5755SQ Datasheet HTML 8Page - RF Micro Devices RF5755SQ Datasheet HTML 9Page - RF Micro Devices RF5755SQ Datasheet HTML 10Page - RF Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 15 page
background image
6 of 15
RF5755
DS120214
7628 Thorndike Road, Greensboro, NC 27409-9421 · For sales or technical
support, contact RFMD at (+1) 336-678-5570 or sales-support@rfmd.com.
.
Pin Out
Pin
Function
Description
1LNA VDD
Voltage supply for the LNA.
2RX OUT
Receive port for 802.11b/g band. Internally matched to 50
. DC block provided.
3VREG
Regulated voltage for the bias control circuit, and the Tx control port of the SP3T which is also tied to this pin. An
external bypass capacitor may be needed on the VREG line for decoupling purposes.
4TX
RF input for the 802.11b/g PA. Input is matched to 50
 and DC block is provided.
5PDETECT
Power detector voltage for Tx section. PDET voltage varies with output power. May need external decoupling
capacitor for noise bypassing. May need external circuitry to bring output voltage to desired level.
6VCC
Supply voltage for the PA.
7VCC
Supply voltage for the PA.
8N/C
No connect.
9OC
Open Circuit.
10
GND
Ground.
11
ANT
Port matched to 50
 and is DC blocked internally.
12
C_BT
Bluetooth® switch control pin. See truth table for proper level.
13
BT
RF bidirectional port for Bluetooth®. Input is matched to 50
 and DC block is provided.
14
N/C
No connect.
15
C RX
Receive switch control pin. See switch truth table for proper level.
16
C_BWRX
SPST switch control pin. (Simultaneous WiFi and BT receive.) See truth table for proper level.
Tx In
LNA_Vcc
RX Out
C_BT
ANT
Vreg
9
10
11
12
13
14
15
16
1
2
3
4
5
6
7
8
GND
OC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com