Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

RF6545 Datasheet(PDF) 4 Page - RF Micro Devices

Part # RF6545
Description  3.0V TO 3.6V, 2.4GHz FRONT END MODULE
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RF6545 Datasheet(HTML) 4 Page - RF Micro Devices

  RF6545 Datasheet HTML 1Page - RF Micro Devices RF6545 Datasheet HTML 2Page - RF Micro Devices RF6545 Datasheet HTML 3Page - RF Micro Devices RF6545 Datasheet HTML 4Page - RF Micro Devices RF6545 Datasheet HTML 5Page - RF Micro Devices RF6545 Datasheet HTML 6Page - RF Micro Devices RF6545 Datasheet HTML 7Page - RF Micro Devices RF6545 Datasheet HTML 8Page - RF Micro Devices RF6545 Datasheet HTML 9Page - RF Micro Devices  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
4 of 9
RF6545
DS111110
7628 Thorndike Road, Greensboro, NC 27409-9421 · For sales or technical
support, contact RFMD at (+1) 336-678-5570 or sales-support@rfmd.com.
Pin
Function
Description
1GND
Ground.
2RX_EN
Enable voltage for the LNA and receive switch. See logic table for operation.
3
V ANT1
Control pin for Antenna 1 switch. See logic table for operation.
4
V ANT2
Control pin for Antenna 2 switch. See logic table for operation.
5GND
Ground.
6ANT2
This is a common port (antenna). It is matched to 50
 and DC block is provided internally.
7GND
Ground.
8ANT1
This is a common port (antenna). It is matched to 50
 and DC block is provided internally.
9GND
Ground.
10
VCC
Voltage supply for PA 2nd stage. An external 1uF capacitor might be needed for low frequency decoupling.
11
N/C
No connect.
12
VCC
Voltage supply for PA 1st stage. An external 1uF capacitor might be needed for low frequency decoupling.
13
VCC
Voltage supply (control circuitry). An external 1uF capacitor might be needed for low frequency decoupling.
14
GND
Ground.
15
GND
Ground.
16
GND
Ground.
17
GND
Ground.
18
RF_COM
Bi-directional transmit/receive port for interfacing to TXVR SOIC. It is matched to 50
 and DC block is provided
internally.
19
GND
Ground.
20
TX_EN
Enable voltage for the PA and transmit switch. See logic table for operation.



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com