Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

LTC4121 Datasheet(PDF) 21 Page - Linear Technology

Part # LTC4121
Description  40V 400mA Synchronous Step-Down Battery Charger
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC4121 Datasheet(HTML) 21 Page - Linear Technology

Back Button LTC4121_15 Datasheet HTML 17Page - Linear Technology LTC4121_15 Datasheet HTML 18Page - Linear Technology LTC4121_15 Datasheet HTML 19Page - Linear Technology LTC4121_15 Datasheet HTML 20Page - Linear Technology LTC4121_15 Datasheet HTML 21Page - Linear Technology LTC4121_15 Datasheet HTML 22Page - Linear Technology LTC4121_15 Datasheet HTML 23Page - Linear Technology LTC4121_15 Datasheet HTML 24Page - Linear Technology LTC4121_15 Datasheet HTML 25Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 30 page
background image
LTC4121/LTC4121-4.2
21
4121fa
For more information www.linear.com/LTC4121
applicaTions inForMaTion
BAT Capacitor and Output Ripple: CBAT
The LTC4121 charger output requires bypass capacitance
connected from BAT to GND (CBAT). A 22µF ceramic ca-
pacitor is required for all applications. In systems where
the battery can be disconnected from the charger output,
additional bypass capacitance may be desired. In this
type of application, excessive ripple and/or low amplitude
oscillations can occur without additional output bulk
capacitance. For optimum stability, the additional bulk
capacitance should also have a small amount of ESR. For
these applications, place a 100µF low ESR non-ceramic
capacitor(chiptantalumororganicsemiconductorcapaci-
tors such as Sanyo OS-CONs or POSCAPs) from BAT to
GND, in parallel with the 22µF ceramic bypass capacitor,
or use large ceramic capacitors with an additional small
series ESR resistor of less than 1Ω. This additional bypass
capacitance may also be required in systems where the
battery is connected to the charger with long wires. The
voltage rating of all capacitors applied to CBAT must meet
or exceed the battery float voltage.
Boost Supply Capacitor
The BOOST pin provides a bootstrapped supply rail that
provides power to the top gate drivers. The operating volt-
age of the BOOST pin is internally generated from INTVCC
whenever the SW pin pulls low. This provides a floating
voltage of INTVCC above SW that is held by a capacitor
tied from BOOST to SW. A low ESR ceramic capacitor
of 10nF to 33nF is sufficient, with a voltage rating of 6V.
INTVCC Supply and Capacitor
Power for the top and bottom gate drivers and most other
internal circuitry is derived from the INTVCC pin. A low
ESR ceramic capacitor of 2.2µF is required on the INTVCC
pin. The INTVCC supply has a relatively low current limit
(about 20mA) that is dialed back when INTVCC is low to
reduce power dissipation. Do not use the INTVCC voltage
to supply power for any external circuitry except for the
NTCBIAS network. When the RUN pin is above VEN, the
INTVCC supply is enabled, and when INTVCC rises above
UVINTVCC, the charger is enabled.
Figure 8. Reverse Blocking with a P-Channel MOSFET in Series with the BAT Pin
+
+
BAT
22µF
10µF
4.7µF
2.2µF
RPROG
RFB1
49.9k
4.99k
470k
RFB2
Li-Ion
FB
FBG
GND
CHRG
RUN
INTVCC
VIN
VIN
LTC4121
SI2343DS
PROG
BAT
22µF
10µF
4.7µF
2.2µF
RPROG
49.9k
470k
Li-Ion
BATSNS
GND
CHRG
RUN
INTVCC
VIN
VIN
LTC4121-4.2
SIT2343DS
PROG
4121 F08



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com