Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

CSL05 Datasheet(PDF) 1 Page - Central Semiconductor Corp

Part # CSL05
Description  TRANSIENT VOLTAGE SUPPRESSORS
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CENTRAL [Central Semiconductor Corp]
Direct Link  http://www.centralsemi.com
Logo CENTRAL - Central Semiconductor Corp

CSL05 Datasheet(HTML) 1 Page - Central Semiconductor Corp

  CSL05 Datasheet HTML 1Page - Central Semiconductor Corp CSL05 Datasheet HTML 2Page - Central Semiconductor Corp CSL05 Datasheet HTML 3Page - Central Semiconductor Corp  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
CSL05
CSL05D
SURFACE MOUNT SILICON
ULTRA LOW CAPACITANCE
TRANSIENT VOLTAGE SUPPRESSORS
DESCRIPTION:
The CENTRAL SEMICONDUCTOR CSL05 (Single)
and CSL05D (Dual) types are ultra low capacitance
transient voltage suppressors packaged in the
SOT-23 surface mount package. These devices
provide excellent protection from spurious voltage
transients. The very low capacitance reduces insertion
loss to minimizes the affect on the data line
through-put. Typical applications include: mobile
phones, digital cameras, USB ports, MP3 players,
and Ethernet port protection.
MARKING CODES: CSL05 (Single):CL05
CSL05D (Dual): CL5D
SOT-23 CASE
MAXIMUM RATINGS: (TA=25°C)
SYMBOL
UNITS
Peak Pulse Power, tp=8x20μs
PPK
400
W
Peak Pulse Current, tp=8x20μs
IPP
17
A
ESD Voltage (IEC 61000-4-2, Air)
VESD
25
kV
ESD Voltage (IEC 61000-4-2, Contact)
VESD
25
kV
Operating Junction Temperature
TJ
-50 to +125
°C
Storage Temperature
Tstg
-50 to +150
°C
ELECTRICAL CHARACTERISTICS PER TVS: (TA=25°C unless otherwise noted)
SYMBOL
TEST CONDITIONS
MIN
MAX
UNITS
IR
VRWM=5.0V
5.0
μA
BVR
It=1.0mA
6.0
V
VC
IPP=1.0A, tp=8x20μs
9.5
V
VC
IPP=5.0A, tp=8x20μs
12
V
CJ
VR=0, f=1.0MHz
1.2
pF
R2 (2-April 2015)
www.centr a lsemi.com


Similar Part No. - CSL05

ManufacturerPart #DatasheetDescription
logo
Central Semiconductor C...
CSL05 CENTRAL-CSL05 Datasheet
83Kb / 2P
SURFACE MOUNT ULTRA LOW CAPACITANCE TRANSIENT VOLTAGE SUPPRESSOR
CSL05 CENTRAL-CSL05 Datasheet
330Kb / 2P
SURFACE MOUNT ULTRA LOW CAPACITANCE SILICON TRANSIENT VOLTAGE SUPPRESSORS
CSL05D CENTRAL-CSL05D Datasheet
83Kb / 2P
SURFACE MOUNT ULTRA LOW CAPACITANCE TRANSIENT VOLTAGE SUPPRESSOR
CSL05D CENTRAL-CSL05D Datasheet
330Kb / 2P
SURFACE MOUNT ULTRA LOW CAPACITANCE SILICON TRANSIENT VOLTAGE SUPPRESSORS
CSL05 CENTRAL-CSL05_10 Datasheet
330Kb / 2P
SURFACE MOUNT ULTRA LOW CAPACITANCE SILICON TRANSIENT VOLTAGE SUPPRESSORS
More results

Similar Description - CSL05

ManufacturerPart #DatasheetDescription
logo
EPCOS
B72540E0170K062 EPCOS-B72540E0170K062 Datasheet
191Kb / 14P
Ceramic transient voltage suppressors Ceramic transient voltage suppressors
logo
SeCoS Halbleitertechnol...
ESD05C SECOS-ESD05C_15 Datasheet
200Kb / 2P
Transient Voltage Suppressors
SSESD05 SECOS-SSESD05_15 Datasheet
313Kb / 2P
Transient Voltage Suppressors
SZMD03C SECOS-SZMD03C_15 Datasheet
193Kb / 2P
Transient Voltage Suppressors
SZMD15C SECOS-SZMD15C_15 Datasheet
101Kb / 2P
Transient Voltage Suppressors
logo
ON Semiconductor
TVS8501V5 ONSEMI-TVS8501V5 Datasheet
93Kb / 6P
Transient Voltage Suppressors
November, 2014 ??Rev. 1
logo
SEMTECH ELECTRONICS LTD...
ESD3BL3V3WS SEMTECH_ELEC-ESD3BL3V3WS Datasheet
356Kb / 4P
Transient Voltage Suppressors
ESD9BL5V0BP SEMTECH_ELEC-ESD9BL5V0BP Datasheet
342Kb / 3P
Transient Voltage Suppressors
ESDB5V0WT SEMTECH_ELEC-ESDB5V0WT Datasheet
267Kb / 3P
Transient Voltage Suppressors
ESDBL0821BP SEMTECH_ELEC-ESDBL0821BP Datasheet
234Kb / 3P
Transient Voltage Suppressors
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com