Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

RFFM8505 Datasheet(PDF) 5 Page - RF Micro Devices

Part # RFFM8505
Description  4.9GHz to 5.85GHz 802.11a/n/ac WiFi Front End Module
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RFFM8505 Datasheet(HTML) 5 Page - RF Micro Devices

  RFFM8505 Datasheet HTML 1Page - RF Micro Devices RFFM8505 Datasheet HTML 2Page - RF Micro Devices RFFM8505 Datasheet HTML 3Page - RF Micro Devices RFFM8505 Datasheet HTML 4Page - RF Micro Devices RFFM8505 Datasheet HTML 5Page - RF Micro Devices RFFM8505 Datasheet HTML 6Page - RF Micro Devices RFFM8505 Datasheet HTML 7Page - RF Micro Devices RFFM8505 Datasheet HTML 8Page - RF Micro Devices RFFM8505 Datasheet HTML 9Page - RF Micro Devices  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
RF Micro Devices Inc.
7628 Thorndike Road, Greensboro, NC 27409-9421
DS131106
For sales or technical support, contact RFMD at +1.336.678.5570 or customerservice@rfmd.com.
The information in this publication is believed to be accurate. However, no responsibility is assumed by RF Micro Devices, Inc. ("RFMD") for its use, nor for any infringement of patents or other rights of
third parties resulting from its use. No license is granted by implication or otherwise under any patent or patent rights of RFMD. RFMD reserves the right to change component circuitry, recommended
application circuitry and specifications at any time without prior notice.
5 of 9
RFFM8505
Switch Control Logic Truth Table
Operating Mode
PA_EN
LNA_EN
C_RX
VMODE
Standby
Low
Low
Low
Low
802.11a/n/ac TX High Power
High
Low
Low
Low
802.11a/n/ac TX Low Power
High
Low
Low
High
802.11a/n/ac RX Gain
Low
High
High
Low
802.11a/n/ac RX Bypass
Low
Low
High
Low
Notes:
•
PA_EN and TX switch control are tied together internally.
•
High = 2.8 to VCC. Low = 0V to 0.2V
Evaluation Board Schematic



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com