Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

RFPD3190 Datasheet(PDF) 1 Page - RF Micro Devices

Part # RFPD3190
Description  GaAs/GaN Power Doubler Hybrid 45MHz to 1218MHz
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RFPD3190 Datasheet(HTML) 1 Page - RF Micro Devices

  RFPD3190 Datasheet HTML 1Page - RF Micro Devices RFPD3190 Datasheet HTML 2Page - RF Micro Devices RFPD3190 Datasheet HTML 3Page - RF Micro Devices  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
RF Micro Devices Inc.
7628 Thorndike Road, Greensboro, NC 27409-9421
DS141017
For sales or technical support, contact RFMD at +1.336.678.5570 or customerservice@rfmd.com.
RF MICRO DEVICES
® and RFMD® are trademarks of RFMD, LLC. BLUETOOTH is a trademark owned by Bluetooth SIG, Inc., U.S.A. and licensed for use by RFMD. All other trade names,
trademarks, and registered trademarks are the property of their respective owners. ©2013, RF Micro Devices, Inc.
1 of 3
RFPD3190
GaAs/GaN Power Doubler Hybrid
45MHz to 1218MHz
The RFPD3190 is a Hybrid Power Doubler amplifier module.
The part employs GaAs pHEMT die and GaN HEMT die, has
high output capability, and operates from 45MHz to 1218MHz.
It provides excellent linearity and superior return loss
performance with low noise and optimal reliability.
INPUT
OUTPUT
V+
Package: SOT-115J
Features
Excellent Linearity
Superior Return Loss Performance
Extremely Low Distortion
Optimal Reliability
Low Noise
Unconditionally Stable Under All
Terminations
Extremely High Output Capability
24.5dB Min. Gain at 1218MHz
450mA Max. at 24VDC
Applications
45MHz to 1218MHz CATV
Amplifier Systems
Ordering Information
RFPD3190
Box with 50 pieces
Absolute Maximum Ratings
Parameter
Rating
Unit
RF Input Voltage (single tone)
75
dBmV
DC Supply Over-Voltage (5 minutes)
30
V
Storage Temperature
-40 to +100
°C
Operating Mounting Base Temperature
-30 to +100
°C
Caution! ESD sensitive device.
RoHS (Restriction of Hazardous
Substances): Compliant per EU Directive
2011/65/EU.
Exceeding any one or a combination of the Absolute
Maximum Rating conditions may cause permanent
damage to the device. Extended application of Absolute
Maximum Rating conditions to the device may reduce
device reliability. Specified typical performance or
functional operation of the device under Absolute
Maximum Rating conditions is not implied.
RFPD3190


Similar Part No. - RFPD3190

ManufacturerPart #DatasheetDescription
logo
RF Micro Devices
RFPD3020 RFMD-RFPD3020 Datasheet
251Kb / 3P
45MHz to 1600MHz GaAs/GaN Power Doubler Hybrid
RFPD3210 RFMD-RFPD3210 Datasheet
232Kb / 3P
GaAs/GaN Power Doubler Hybrid 45MHz to 1218MHz
logo
Qorvo, Inc
RFPD3210 QORVO-RFPD3210 Datasheet
232Kb / 3P
GaAs/GaN Power Doubler Hybrid 45MHz to 1218MHz
logo
RF Micro Devices
RFPD3220 RFMD-RFPD3220 Datasheet
232Kb / 3P
GaAs/GaN Power Doubler Hybrid 45MHz to 1218MHz
logo
Qorvo, Inc
RFPD3220 QORVO-RFPD3220 Datasheet
232Kb / 3P
GaAs/GaN Power Doubler Hybrid 45MHz to 1218MHz
More results

Similar Description - RFPD3190

ManufacturerPart #DatasheetDescription
logo
RF Micro Devices
RFPD2540 RFMD-RFPD2540 Datasheet
244Kb / 3P
GaAs/GaN Power Doubler Hybrid 45MHz to 1218MHz
RFPD3210 RFMD-RFPD3210 Datasheet
232Kb / 3P
GaAs/GaN Power Doubler Hybrid 45MHz to 1218MHz
RFPD3220 RFMD-RFPD3220 Datasheet
232Kb / 3P
GaAs/GaN Power Doubler Hybrid 45MHz to 1218MHz
logo
TriQuint Semiconductor
QPA3240 TRIQUINT-QPA3240 Datasheet
481Kb / 7P
GaAs/GaN Power Doubler Hybrid 45MHz to 1218MHz
logo
Qorvo, Inc
QPA3240 QORVO-QPA3240 Datasheet
481Kb / 7P
GaAs/GaN Power Doubler Hybrid 45MHz to 1218MHz
QPA3230 QORVO-QPA3230 Datasheet
481Kb / 7P
GaAs/GaN Power Doubler Hybrid 45MHz to 1218MHz
RFPD3220 QORVO-RFPD3220 Datasheet
232Kb / 3P
GaAs/GaN Power Doubler Hybrid 45MHz to 1218MHz
RFPD3210 QORVO-RFPD3210 Datasheet
232Kb / 3P
GaAs/GaN Power Doubler Hybrid 45MHz to 1218MHz
RFPD3580 QORVO-RFPD3580 Datasheet
572Kb / 8P
GaAs/GaN Power Doubler Hybrid 45MHz to 1218MHz
RFPD3540 QORVO-RFPD3540 Datasheet
299Kb / 5P
GaAs/GaN Power Doubler Hybrid 45MHz to 1218MHz
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com