Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

MASW4030G Datasheet(PDF) 1 Page - Tyco Electronics

Part # MASW4030G
Description  GaAs SPDT Switch DC - 4 GHz
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

MASW4030G Datasheet(HTML) 1 Page - Tyco Electronics

  MASW4030G Datasheet HTML 1Page - Tyco Electronics MASW4030G Datasheet HTML 2Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
V 2.00
GaAs SPDT Switch
DC - 4 GHz
MASW4030G
Guaranteed Specifications*
–55˚C to +85˚C
Frequency Range
DC – 4.0 GHz
Insertion Loss
DC – 1.0 GHz
0.6 dB Max
DC – 2.0 GHz
0.8 dB Max
DC – 4.0 GHz
1.0 dB Max
Isolation
DC – 1.0 GHz
60 dB Min
Absorbtive Mode DC – 2.0 GHz
50 dB Min
Reflective Mode DC – 2.0 GHz
42 dB Min
DC – 4.0 GHz
40 dB Min
VSWR
DC – 1.0 GHz
1.2:1 Max
DC – 2.0 GHz
1.2:1 Max
DC – 4.0 GHz
1.5:1 Max
Operating Characteristics
Impedance
50
Ω Nominal
Switching Characteristics
tRISE, tFALL (10/90% or 90/10% RF)
3 ns Typ
tON, tOFF (50% CTL to 90/10% RF)
6 ns Typ
Transients (In-Band)
20 mV Typ
Input Power for 1dB Compression**
Control Voltages (Vdc)
0/–5
0/–8
0.05 GHz
24 dBm
25 dBm Typ
0.5 – 4.0 GHz
30 dBm
33 dBm Typ
Intermodulation Intercept Point
(for two-tone input power up to +5 dBm)
Intercept Points
IP2
IP3
0.5 GHz
62
39 dBm Typ
0.5 – 4.0 GHz
68
46 dBm Typ
Control Voltages (Complementary Logic)
VINLow
0 to –0.2 V @ 9 µA Max
VINHi
–5 V @ 25 µA Typ to –8 V @ 0.75 µA Max
Die Size
0.043" x 0.041" x 0.010"
(1.08mm x 1.03mm x 0.25mm)
* Previously MA4GM202MTC
**All specifications apply with 50
Ω impedance connected to all RF
ports, and –5 Vdc control voltages.
***Loss changes 0.0025 dB/°C
Features
q
Absorbtive or Reflective
q
Excellent Intermodulation Products
q
Excellent Temperature Stability
q
Fast Switching Speed, 3 ns Typical
q
Ultra Low DC Power Consumption
q
Independent Bias Control
Typical Performance @ +25°C***


Similar Part No. - MASW4030G

ManufacturerPart #DatasheetDescription
logo
M/A-COM Technology Solu...
MASW4030G MA-COM-MASW4030G Datasheet
66Kb / 4P
GaAs SPDT Switch DC - 4.0 GHz
MASW4030G MA-COM-MASW4030G Datasheet
75Kb / 4P
GaAs SPDT Switch
MASW4030G MA-COM-MASW4030G_15 Datasheet
488Kb / 5P
GaAs SPDT Switch DC - 4.0 GHz
More results

Similar Description - MASW4030G

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
SW-226 MACOM-SW-226 Datasheet
89Kb / 2P
GaAs SPDT Switch DC-4 GHz
MASWSS0136 MACOM-MASWSS0136 Datasheet
117Kb / 3P
GaAs SPDT Switch DC - 3.0 GHz
SW-226-PIN MACOM-SW-226-PIN Datasheet
141Kb / 4P
GaAs SPDT Switch DC - 4 GHz
logo
Hexawave, Inc
HWS301 HW-HWS301 Datasheet
116Kb / 2P
GaAs DC-2.5 GHz SPDT Switch
HWS426 HW-HWS426 Datasheet
73Kb / 2P
GaAs DC-6 GHz SPDT Switch
HWS450 HW-HWS450 Datasheet
80Kb / 2P
GaAs DC-6 GHz SPDT Switch
HWS2702 HW-HWS2702 Datasheet
115Kb / 2P
GaAs DC-2.0 GHz SPDT Switch
logo
M/A-COM Technology Solu...
SW-226-PIN MA-COM-SW-226-PIN Datasheet
87Kb / 4P
GaAs SPDT Switch DC - 4 GHz
logo
Hittite Microwave Corpo...
HMC240A HITTITE-HMC240A Datasheet
259Kb / 6P
GaAs MMIC SPDT SWITCH DC - 4 GHz
HMC240 HITTITE-HMC240_10 Datasheet
152Kb / 6P
GaAs MMIC SPDT SWITCH DC - 4 GHz
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com