Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

RFSA3714 Datasheet(PDF) 1 Page - RF Micro Devices

Part # RFSA3714
Description  50MHz to 6000MHz, Digital Step Attenuator
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RFSA3714 Datasheet(HTML) 1 Page - RF Micro Devices

  RFSA3714 Datasheet HTML 1Page - RF Micro Devices RFSA3714 Datasheet HTML 2Page - RF Micro Devices RFSA3714 Datasheet HTML 3Page - RF Micro Devices RFSA3714 Datasheet HTML 4Page - RF Micro Devices RFSA3714 Datasheet HTML 5Page - RF Micro Devices RFSA3714 Datasheet HTML 6Page - RF Micro Devices RFSA3714 Datasheet HTML 7Page - RF Micro Devices RFSA3714 Datasheet HTML 8Page - RF Micro Devices RFSA3714 Datasheet HTML 9Page - RF Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 20 page
background image
RF Micro Devices Inc.
7628 Thorndike Road, Greensboro, NC 27409-9421
DS141203
For sales or technical support, contact RFMD at +1.336.678.5570 or customerservice@rfmd.com.
RF MICRO DEVICES
® and RFMD® are trademarks of RFMD, LLC. BLUETOOTH is a trademark owned by Bluetooth SIG, Inc., U.S.A. and licensed for use by RFMD. All other trade names,
trademarks, and registered trademarks are the property of their respective owners. ©2013, RF Micro Devices, Inc.
1 of 20
RFSA3714
50MHz to 6000MHz, Digital Step Attenuator
The
RFMD’s RFSA3714 is a 7-bit digital step attenuator
(DSA) that features high linearity over the entire 31.75dB gain
control range with 0.25dB steps. The RFSA3714 features
three modes of control: serial, latched parallel, and direct
parallel programming. The RFSA3714 has a low insertion loss
of 1.5dB at 2GHz. Patent pending circuit architecture provides
Overshoot-free transient switching performance. The
RFSA3714 is available in a 4mm x 4mm QFN package.
24
1
2
3
4
5
6
23
22
21
20
19
18
17
16
15
14
13
7
8
9
10
11
12
7-BIT DSA
LOGIC CONTROL
C0.25
VDD
PBAR/S
GND
RFIN
GND
SI
CLK
LE
GND
RFOUT
GND
Functional Block Diagram
Ordering Information
RFSA3714SQ
Sample bag with 25 pieces
RFSA3714SR
7" Reel with 100 pieces
RFSA3714TR13
13" Reel with 2500 pieces
RFSA3714PCK-410
50MHz to 6000MHz PCBA with 5-piece sample bag
Package: QFN, 24-pin,
4.0mm x 4.0mm x 0.85mm
Features
7-Bit, 31.75dB Range, 0.25dB Step
Patent Pending Circuit Architecture
Overshoot-free Transient
Switching Performance
Frequency Range 50MHz to
6000MHz
High Linearity, IIP3 >55dBm
Serial and Parallel Control
Interface
Fast Switching Speed, <120nsec
Single Supply 3V to 5V Operation
RF Pins Have No DC Voltage, Can
be DC Grounded Externally
Power-up Default Setting Is
Maximum Attenuation
Applications
2G through 4G Base Stations
Point-to-Point
WiFi
Test Equipment
RFSA3714


Similar Part No. - RFSA3714

ManufacturerPart #DatasheetDescription
logo
RF Micro Devices
RFSA3713 RFMD-RFSA3713 Datasheet
1Mb / 16P
5MHz to 6000MHz, Digital Step Attenuator
logo
Qorvo, Inc
RFSA3713 QORVO-RFSA3713 Datasheet
1Mb / 16P
5MHz to 6000MHz, Digital Step Attenuator
logo
RF Micro Devices
RFSA3713PCK-410 RFMD-RFSA3713PCK-410 Datasheet
1Mb / 16P
5MHz to 6000MHz, Digital Step Attenuator
logo
Qorvo, Inc
RFSA3713PCK-410 QORVO-RFSA3713PCK-410 Datasheet
1Mb / 16P
5MHz to 6000MHz, Digital Step Attenuator
logo
RF Micro Devices
RFSA3713SQ RFMD-RFSA3713SQ Datasheet
1Mb / 16P
5MHz to 6000MHz, Digital Step Attenuator
More results

Similar Description - RFSA3714

ManufacturerPart #DatasheetDescription
logo
RF Micro Devices
RFSA2033 RFMD-RFSA2033 Datasheet
1Mb / 22P
Low Loss Voltage Controlled Attenuator 50MHz to 6000MHz
RFSA2534 RFMD-RFSA2534 Datasheet
1,012Kb / 12P
50MHz to 4000MHz, Digital Step Attenuator
RFSA2714 RFMD-RFSA2714 Datasheet
2Mb / 9P
Parallel Controlled Digital Step Attenuator 50MHz to 4000MHz
RFSA3413 RFMD-RFSA3413 Datasheet
1Mb / 14P
5MHz to 6000MHz, Digital Step Attenuator
RFSA3513 RFMD-RFSA3513 Datasheet
1Mb / 16P
5MHz to 6000MHz, Digital Step Attenuator
RFSA3523 RFMD-RFSA3523 Datasheet
1Mb / 16P
5MHz to 6000MHz, Digital Step Attenuator
RFSA3613 RFMD-RFSA3613 Datasheet
1Mb / 16P
5MHz to 6000MHz, Digital Step Attenuator
RFSA3623 RFMD-RFSA3623 Datasheet
1Mb / 16P
5MHz to 6000MHz, Digital Step Attenuator
RFSA3713 RFMD-RFSA3713 Datasheet
1Mb / 16P
5MHz to 6000MHz, Digital Step Attenuator
logo
Renesas Technology Corp
F2251 RENESAS-F2251 Datasheet
2Mb / 23P
Voltage Variable RF Attenuator 50MHz to 6000MHz
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com