Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

RFSA4033 Datasheet(PDF) 1 Page - RF Micro Devices

Part # RFSA4033
Description  Programmable Temperature Compensating Attenuator 5MHz to 6000MHz
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RFSA4033 Datasheet(HTML) 1 Page - RF Micro Devices

  RFSA4033 Datasheet HTML 1Page - RF Micro Devices RFSA4033 Datasheet HTML 2Page - RF Micro Devices RFSA4033 Datasheet HTML 3Page - RF Micro Devices RFSA4033 Datasheet HTML 4Page - RF Micro Devices RFSA4033 Datasheet HTML 5Page - RF Micro Devices RFSA4033 Datasheet HTML 6Page - RF Micro Devices RFSA4033 Datasheet HTML 7Page - RF Micro Devices RFSA4033 Datasheet HTML 8Page - RF Micro Devices RFSA4033 Datasheet HTML 9Page - RF Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 17 page
background image
RF Micro Devices Inc.
7628 Thorndike Road, Greensboro, NC 27409-9421
DS150225
For sales or technical support, contact RFMD at +1.336.678.5570 or customerservice@rfmd.com.
RF MICRO DEVICES
® and RFMD® are trademarks of RFMD, LLC. BLUETOOTH is a trademark owned by Bluetooth SIG, Inc., U.S.A. and licensed for use by RFMD. All other trade names,
trademarks, and registered trademarks are the property of their respective owners. ©2013, RF Micro Devices, Inc.
1 of 17
RFSA4033
RFSA4033
Programmable Temperature Compensating Attenuator
5MHz to 6000MHz
The RFSA4033 is a fully monolithic linear-in-dB analog temperature
compensating attenuator (TCA) featuring exceptional linearity over its entire
gain control range. It is designed to offset the gain reduction of an RF
component over temperature without the need for closed loop feedback.
Eight customer selectable scaled attenuation slopes and eight selectable
nominal attenuation values at 25°C creates a total combination of 64
possible temperature coefficients which make it a flexible solution for RF
lineups. It incorporates revolutionary new circuit architecture to solve a long
standing industry problem with regards to attenuator architecture: high IP3,
low DC current and broad bandwidth. Traditional approaches for solving
this problem require expensive co-fired ceramics with temperature sensitive
materials or current hungry PIN diodes with elaborate area consuming
control circuits. This temperature compensating attenuator requires only a
single supply voltage and 6 logic bits to set the temperature coefficient. The
RFSA4033 is packaged in a small 3mm x 3mm QFN. This attenuator is
matched to 50
Ω over its rated control range and frequency with no external
matching components required.
16
1
2
3
4
15
14
13
12
11
10
9
5
6
7
8
ATTENUATOR
CONTROL
SYSTEM
GND
GND
RFIN
GND
GND
GND
RFOUT
GND
Functional Block Diagram
Ordering Information
RFSA4033SQ
Sample bag with 25 pieces
RFSA4033SR
7" Reel with 100 pieces
RFSA4033TR7
7" Reel with 2500 pieces
RFSA4033PCK-410
5MHz to 6GHz PCBA with 5-piece sample bag
Package: QFN, 16-pin,
3.0mm x 3.0mm x 0.85mm
Features
Patent Pending Circuit Architecture
Broadband 5MHz to 6000MHz
Frequency Range
64 Selectable Attenuation versus
Temperature Linear-in-dB Slopes
+52dBm Input IP3 Typical
+80dBm Input IP2 Typical
High 1dB Compression Point
>+30dBm
Low Residual Phase Noise
<-140dBc/Hz at 10kHz offset
3V to 5V Power Supply
3V Logic Compatible
Class 2 ESD (2000V HBM)
Applications
Cellular, 3G, LTE Infrastructure
WiBro, LTE
Microwave Radio
High Linearity RF Power Control
Cable Modems
CATV
Test Equipment
RFSA4033


Similar Part No. - RFSA4033

ManufacturerPart #DatasheetDescription
logo
RF Micro Devices
RFSA4013 RFMD-RFSA4013 Datasheet
1Mb / 16P
TEMPERATURE COMPENSATING ATTENUATOR
logo
Qorvo, Inc
RFSA4013 QORVO-RFSA4013 Datasheet
2Mb / 17P
Temperature Compensating Attenuator
January 25, 2024
logo
RF Micro Devices
RFSA4013PCK-410 RFMD-RFSA4013PCK-410 Datasheet
1Mb / 16P
TEMPERATURE COMPENSATING ATTENUATOR
logo
Qorvo, Inc
RFSA4013PCK-410 QORVO-RFSA4013PCK-410 Datasheet
2Mb / 17P
Temperature Compensating Attenuator
January 25, 2024
logo
RF Micro Devices
RFSA4013SQ RFMD-RFSA4013SQ Datasheet
1Mb / 16P
TEMPERATURE COMPENSATING ATTENUATOR
More results

Similar Description - RFSA4033

ManufacturerPart #DatasheetDescription
logo
RF Micro Devices
RFSA3413 RFMD-RFSA3413 Datasheet
1Mb / 14P
5MHz to 6000MHz, Digital Step Attenuator
RFSA3513 RFMD-RFSA3513 Datasheet
1Mb / 16P
5MHz to 6000MHz, Digital Step Attenuator
RFSA3523 RFMD-RFSA3523 Datasheet
1Mb / 16P
5MHz to 6000MHz, Digital Step Attenuator
RFSA3613 RFMD-RFSA3613 Datasheet
1Mb / 16P
5MHz to 6000MHz, Digital Step Attenuator
RFSA3623 RFMD-RFSA3623 Datasheet
1Mb / 16P
5MHz to 6000MHz, Digital Step Attenuator
RFSA3713 RFMD-RFSA3713 Datasheet
1Mb / 16P
5MHz to 6000MHz, Digital Step Attenuator
RFSA3714 RFMD-RFSA3714 Datasheet
2Mb / 20P
50MHz to 6000MHz, Digital Step Attenuator
RFSA4013 RFMD-RFSA4013 Datasheet
1Mb / 16P
TEMPERATURE COMPENSATING ATTENUATOR
RFSA4023 RFMD-RFSA4023 Datasheet
1Mb / 14P
TEMPERATURE COMPENSATING ATTENUATOR
logo
Renesas Technology Corp
F2251 RENESAS-F2251 Datasheet
2Mb / 23P
Voltage Variable RF Attenuator 50MHz to 6000MHz
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com