Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

RFSW6023 Datasheet(PDF) 1 Page - RF Micro Devices

Part # RFSW6023
Description  25dB Isolation at 2GHz
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RFSW6023 Datasheet(HTML) 1 Page - RF Micro Devices

  RFSW6023 Datasheet HTML 1Page - RF Micro Devices RFSW6023 Datasheet HTML 2Page - RF Micro Devices RFSW6023 Datasheet HTML 3Page - RF Micro Devices RFSW6023 Datasheet HTML 4Page - RF Micro Devices RFSW6023 Datasheet HTML 5Page - RF Micro Devices RFSW6023 Datasheet HTML 6Page - RF Micro Devices RFSW6023 Datasheet HTML 7Page - RF Micro Devices RFSW6023 Datasheet HTML 8Page - RF Micro Devices RFSW6023 Datasheet HTML 9Page - RF Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
RF Micro Devices Inc.
7628 Thorndike Road, Greensboro, NC 27409-9421
DS131111
For sales or technical support, contact RFMD at +1.336.678.5570 or customerservice@rfmd.com.
RF MICRO DEVICES
® and RFMD® are trademarks of RFMD, LLC. BLUETOOTH is a trademark owned by Bluetooth SIG, Inc., U.S.A. and licensed for use by RFMD. All other trade names,
trademarks, and registered trademarks are the property of their respective owners. ©2013, RF Micro Devices, Inc.
1 of 10
RFSW6023
2.5V to 5V, 10W SPDT Switch
150MHz to 5000MHz
The RFSW6023 is a high power single-pole double-throw (SPDT)
switch designed for high performance wireless applications. This
wideband switch has been designed for use from 50MHz to
5000MHz, where extremely high linearity, high isolation, low
insertion loss, and small package size are required. Switching for
the RFSW6023 controlled via two control voltage inputs. The
RFSW6023 is manufactured in a pHEMT GaAs process and
packaged in a 12-pin, 3mm x 3mm, quad-flat (QFN) plastic
package.
Functional Block Diagram
Ordering Information
RFSW6023SQ
Sample bag with 25 pieces
RFSW6023SR
7" Reel with 100 pieces
RFSW6023TR7
7" Reel with 2500 pieces
RFSW6023PCK-410
150MHz to 5000MHz PCBA with 5-piece sample
bag
Package: QFN, 12-pin,
3.0mm x 3.0mm
Features
Single Voltage: 2.5V to 5.0V
40dBm P0.1dB
25dB Isolation at 2GHz
High Linearity
Applications
Wireless Infrastructure
ISM Band Transmitter
WiMax
WLAN
RFSW6023


Similar Part No. - RFSW6023

ManufacturerPart #DatasheetDescription
logo
RF Micro Devices
RFSW6024 RFMD-RFSW6024 Datasheet
1Mb / 13P
300MHz to 6000MHz Operation
logo
Qorvo, Inc
RFSW6024 QORVO-RFSW6024 Datasheet
1Mb / 13P
5MHz to 6GHz Absorptive High Isolation SPDT Switch
April 21, 2023
RFSW6024 PCK-410 QORVO-RFSW6024 PCK-410 Datasheet
1Mb / 13P
5MHz to 6GHz Absorptive High Isolation SPDT Switch
April 21, 2023
RFSW6024TR13 QORVO-RFSW6024TR13 Datasheet
1Mb / 13P
5MHz to 6GHz Absorptive High Isolation SPDT Switch
April 21, 2023
More results

Similar Description - RFSW6023

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BLT11 PHILIPS-BLT11 Datasheet
485Kb / 8P
NPN 2GHz RF POWER TRANSISTOR
1995 Mar 09
logo
Gunter Seniconductor Gm...
TFF2207T GSG-TFF2207T Datasheet
114Kb / 4P
2GHz RF Mixer
logo
American Accurate Compo...
JXMBOH-T-800-2500-25 AAC-JXMBOH-T-800-2500-25 Datasheet
161Kb / 1P
Air Dielectric Directional Coupler (25dB, 30dB)
logo
Panasonic Semiconductor
ARN10A4H PANASONIC-ARN10A4H Datasheet
158Kb / 6P
8GHz, 150W CARRYING POWER (at 2GHz) MICROWAVE RELAYS
logo
RF Micro Devices
R0605250L RFMD-R0605250L Datasheet
262Kb / 3P
25dB Reverse Hybrid 5MHz to 65MHz
logo
CRYSTEK CORPORATION
CBTEE-01-50-6000 CRYSTEKMICROWAVE-CBTEE-01-50-6000 Datasheet
235Kb / 4P
High Isolation, 35 dB Typical at 1 GHz
logo
Knowles Electronics
FPC06077 KNOWLES-FPC06077 Datasheet
346Kb / 2P
8 to 12GHz 25dB Directional Coupler
logo
TriQuint Semiconductor
QPA3350 TRIQUINT-QPA3350 Datasheet
197Kb / 5P
CATV Power Doubler Hybrid 1003MHz 25dB
logo
Qorvo, Inc
QPA3248 QORVO-QPA3248 Datasheet
466Kb / 6P
CATV Power Doubler Hybrid 1003MHz 25dB
QPA3350 QORVO-QPA3350 Datasheet
197Kb / 5P
CATV Power Doubler Hybrid 1003MHz 25dB
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com