Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

RFSW6042 Datasheet(PDF) 1 Page - RF Micro Devices

Part # RFSW6042
Description  Low Insertion High Isolation SP4T Switch
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RFSW6042 Datasheet(HTML) 1 Page - RF Micro Devices

  RFSW6042 Datasheet HTML 1Page - RF Micro Devices RFSW6042 Datasheet HTML 2Page - RF Micro Devices RFSW6042 Datasheet HTML 3Page - RF Micro Devices RFSW6042 Datasheet HTML 4Page - RF Micro Devices RFSW6042 Datasheet HTML 5Page - RF Micro Devices RFSW6042 Datasheet HTML 6Page - RF Micro Devices RFSW6042 Datasheet HTML 7Page - RF Micro Devices RFSW6042 Datasheet HTML 8Page - RF Micro Devices RFSW6042 Datasheet HTML 9Page - RF Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
RF Micro Devices Inc.
7628 Thorndike Road, Greensboro, NC 27409-9421
DS140821
For sales or technical support, contact RFMD at +1.336.678.5570 or customerservice@rfmd.com.
RF MICRO DEVICES
® and RFMD® are trademarks of RFMD, LLC. BLUETOOTH is a trademark owned by Bluetooth SIG, Inc., U.S.A. and licensed for use by RFMD. All other trade names,
trademarks, and registered trademarks are the property of their respective owners. ©2013, RF Micro Devices, Inc.
1 of 12
RFSW6042
Low Insertion High Isolation SP4T Switch
5MHz to 6000MHz
The RFSW6042 is a low loss, high isolation SP4T switch with
performance optimized for use in Cellular BTS applications. Plus it
is also ideally suited for use in CATV and SATV applications. This
part is packaged in a compact 1.8mm x 1.8mm, 12-pin, QFN
package which allows for a small solution size with no need for
external DC blocking capacitors (when no external DC is applied
to the device ports).
RFSW6042
RF2
ANT
VDD
C1
C2
RF1
RF3
RF4
Functional Block Diagram
Ordering Information
RFSW6042SQ
Sample bag with 25 pieces
RFSW6042SR
7" Reel with 100 pieces
RFSW6042TR7
7" Reel with 2500 pieces
RFSW6042PCK-410
5MHz to 3GHz PCBA with 5-piece sample bag
RFSW6042PCK-411
3GHz to 6GHz PCB with 5-piece sample bag
Package: QFN, 12-pin,
1.8mm x 1.8mm
Features
5MHz to 6000MHz Operation
Excellent Insertion Loss and
Isolation Performance
Low Insertion Loss: 0.45dB at
2GHz
High Isolation: 34dB at 2GHz
High IP3: >70dBm at 2GHz
Compatible with Low Voltage Logic
(VHIGH Minimum = 1.3V)
No External DC Blocking
Capacitors Required on RF
Paths if DC is Applied
Externally
2000V HBM ESD Rating on All
Ports
3V to 5V Operation
Applications
Cellular BTS
CATV, SATV Applications
Test Equipment
General Purpose Switch
RFSW6042


Similar Part No. - RFSW6042

ManufacturerPart #DatasheetDescription
logo
Qorvo, Inc
RFSW6042 QORVO-RFSW6042 Datasheet
1Mb / 12P
Low Insertion High Isolation SP4T Switch 5MHz to 6000MHz
RFSW6042PCK-410 QORVO-RFSW6042PCK-410 Datasheet
1Mb / 12P
Low Insertion High Isolation SP4T Switch 5MHz to 6000MHz
RFSW6042PCK-411 QORVO-RFSW6042PCK-411 Datasheet
1Mb / 12P
Low Insertion High Isolation SP4T Switch 5MHz to 6000MHz
RFSW6042SQ QORVO-RFSW6042SQ Datasheet
1Mb / 12P
Low Insertion High Isolation SP4T Switch 5MHz to 6000MHz
RFSW6042SR QORVO-RFSW6042SR Datasheet
1Mb / 12P
Low Insertion High Isolation SP4T Switch 5MHz to 6000MHz
More results

Similar Description - RFSW6042

ManufacturerPart #DatasheetDescription
logo
Mini-Circuits
ZSWA-4-30DR MINI-ZSWA-4-30DR Datasheet
66Kb / 1P
Switch High Isolation, SP4T, 50??DC to 3 GHz
logo
New Japan Radio
NJG1695ME7 NJRC-NJG1695ME7 Datasheet
440Kb / 12P
High Isolation X-SP4T (DP8T) SWITCH
logo
List of Unclassifed Man...
MASW-010350 ETC1-MASW-010350 Datasheet
200Kb / 7P
SP4T High Isolation Terminated Switch 0.01 - 4.0 GHz
logo
M/A-COM Technology Solu...
MASW-010350 MA-COM-MASW-010350 Datasheet
193Kb / 6P
SP4T High Isolation Terminated Switch
logo
Pasternack Enterprises,...
PE71S5003 PASTERNACK-PE71S5003 Datasheet
1Mb / 7P
80 dB High Isolation SP4T PIN Diode Switch
PE71S5004 PASTERNACK-PE71S5004 Datasheet
1Mb / 7P
75 dB High Isolation SP4T PIN Diode Switch
logo
RF Micro Devices
RFSW6032 RFMD-RFSW6032 Datasheet
846Kb / 9P
Low Insertion High Isolation SP3T Switch
RFSW6062 RFMD-RFSW6062 Datasheet
1Mb / 13P
Low Insertion High Isolation SP6T Switch
logo
Skyworks Solutions Inc.
SKY13524-639LF SKYWORKS-SKY13524-639LF Datasheet
535Kb / 10P
0.7 to 3.0 GHz High Isolation SP4T Switch
logo
Qorvo, Inc
QPC6044 QORVO-QPC6044 Datasheet
1Mb / 12P
5MHz to 6GHz Absorptive High Isolation SP4T Switch
April 9, 2020
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com