Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

RFSW6222 Datasheet(PDF) 1 Page - RF Micro Devices

Part # RFSW6222
Description  Differential SPDT or Dual SPDT Switch
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RFSW6222 Datasheet(HTML) 1 Page - RF Micro Devices

  RFSW6222 Datasheet HTML 1Page - RF Micro Devices RFSW6222 Datasheet HTML 2Page - RF Micro Devices RFSW6222 Datasheet HTML 3Page - RF Micro Devices RFSW6222 Datasheet HTML 4Page - RF Micro Devices RFSW6222 Datasheet HTML 5Page - RF Micro Devices RFSW6222 Datasheet HTML 6Page - RF Micro Devices RFSW6222 Datasheet HTML 7Page - RF Micro Devices RFSW6222 Datasheet HTML 8Page - RF Micro Devices RFSW6222 Datasheet HTML 9Page - RF Micro Devices  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
RF Micro Devices Inc.
7628 Thorndike Road, Greensboro, NC 27409-9421
DS141028
For sales or technical support, contact RFMD at +1.336.678.5570 or customerservice@rfmd.com.
RF MICRO DEVICES
® and RFMD® are trademarks of RFMD, LLC. BLUETOOTH is a trademark owned by Bluetooth SIG, Inc., U.S.A. and licensed for use by RFMD. All other trade names,
trademarks, and registered trademarks are the property of their respective owners. ©2013, RF Micro Devices, Inc.
1 of 9
RFSW6222
RFSW6222
Differential SPDT or Dual SPDT Switch
50MHz to 3700MHz
The RFSW6222 is a dual single-pole double-throw (SPDT) switch
designed for general purpose switching applications. The low
insertion loss along with excellent linearity performance makes the
RFSW6222 ideal for filter or amplifier bypass switching to
3700MHz. The RF ports can be directly connected in 50
systems. And control logic is compatible with 1.3V and 2.7V
systems. The supply voltage is intended for connection to 2.8V
systems but the device is operable from 1.3V to 2.7V. The
standard 12-pin QFN package and compact 2.0mm x 2.0mm size
a compact, easy-to-use, switch component for quick integration
into multi-mode, multi-band systems.
Functional Block Diagram
Ordering Information
RFSW6222SQ
Sample bag with 25 pieces
RFSW6222SR
7" Reel with 100 pieces
RFSW6222TR7
7" Reel with 2500 pieces
RFSW6222PCK-410
50MHz to 3700MHz PCBA with 5-piece sample
bag
Package: QFN, 12-pin,
2.0mm x 2.0mm
Features
Low insertion loss: 0.29dB Typical
at 2700MHz
High Port-to-Port Isolation: 29dB
Typical at 2700MHz
Power Handling >35dBm
Very Low Current Consumption
1.3V to 2.7V GPIO Compatible
Applications
Filter Switching
LNA Bypass Switching
Antenna Switching
Differential or Dual Path Switching
RFSW6222


Similar Part No. - RFSW6222

ManufacturerPart #DatasheetDescription
logo
Qorvo, Inc
RFSW6222 QORVO-RFSW6222 Datasheet
955Kb / 10P
50MHz to 3700MHz DPDT Switch
March 10, 2021
RFSW6222 PCBA-410 QORVO-RFSW6222 PCBA-410 Datasheet
955Kb / 10P
50MHz to 3700MHz DPDT Switch
March 10, 2021
RFSW6222TR7 QORVO-RFSW6222TR7 Datasheet
955Kb / 10P
50MHz to 3700MHz DPDT Switch
March 10, 2021
More results

Similar Description - RFSW6222

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADG436 AD-ADG436 Datasheet
93Kb / 8P
Dual SPDT Switch
REV.A
logo
Vishay Siliconix
DG9236 VISHAY-DG9236 Datasheet
269Kb / 12P
Dual SPDT Analog Switch
25-Apr-11
DG9636 VISHAY-DG9636 Datasheet
185Kb / 10P
Dual SPDT Analog Switch
06-Sep-10
logo
Toshiba Semiconductor
TC7USB221FT TOSHIBA-TC7USB221FT Datasheet
226Kb / 12P
Dual SPDT USB Switch
logo
Analog Devices
ADG436 AD-ADG436_05 Datasheet
323Kb / 12P
Dual SPDT Switch
REV. B
ADG436 AD-ADG436_15 Datasheet
323Kb / 12P
Dual SPDT Switch
REV. B
logo
Protek Devices
PA2268 PROTEC-PA2268_15 Datasheet
154Kb / 9P
DUAL SPDT ANALOG SWITCH
logo
ON Semiconductor
NLAS5223C ONSEMI-NLAS5223C Datasheet
117Kb / 10P
Dual SPDT Analog Switch
September, 2015 ??Rev. 2
logo
Vishay Siliconix
DG9236 VISHAY-DG9236_V01 Datasheet
256Kb / 13P
Dual SPDT Analog Switch
25-Apr-11
DG9636 VISHAY-DG9636_V01 Datasheet
185Kb / 12P
Dual SPDT Analog Switch
10-Mar-14
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com