Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

RFVC1832 Datasheet(PDF) 6 Page - RF Micro Devices

Part # RFVC1832
Description  Multiple Frequency Outputs
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RFVC1832 Datasheet(HTML) 6 Page - RF Micro Devices

Back Button RFVC1832 Datasheet HTML 2Page - RF Micro Devices RFVC1832 Datasheet HTML 3Page - RF Micro Devices RFVC1832 Datasheet HTML 4Page - RF Micro Devices RFVC1832 Datasheet HTML 5Page - RF Micro Devices RFVC1832 Datasheet HTML 6Page - RF Micro Devices RFVC1832 Datasheet HTML 7Page - RF Micro Devices RFVC1832 Datasheet HTML 8Page - RF Micro Devices RFVC1832 Datasheet HTML 9Page - RF Micro Devices RFVC1832 Datasheet HTML 10Page - RF Micro Devices  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
6 of 10
RFVC1832
RF Micro Devices Inc.
7628 Thorndike Road, Greensboro, NC 27409-9421
DS140424
For sales or technical support, contact RFMD at +1.336.678.5570 or customerservice@rfmd.com.
The information in this publication is believed to be accurate. However, no responsibility is assumed by RF Micro Devices, Inc. ("RFMD") for its use, nor for any infringement of patents or other rights of
third parties resulting from its use. No license is granted by implication or otherwise under any patent or patent rights of RFMD. RFMD reserves the right to change component circuitry, recommended
application circuitry and specifications at any time without prior notice.
Pin Names and Descriptions
Pin
Name
Description
Interface Schematic
1-3
N/C
No internal connection.
4
RFOUT/4
VCO RF output at Fo/4. Externally DC-blocked.
5 V
RFOUT/4
5
GND
Connect to PCB ground.
GND
6
VCC_DIG
Supply voltage input for the integrated frequency divider. Typical
+5V. Ground this pin to disable digital divider and reduce current
consumption by 60mA.
VCC_DIG
7-10
N/C
No internal connection.
11
GND
Connect to PCB ground.
See Pin 5 interface schematic
12
RFOUT/2
VCO RF output at Fo/2. Internally DC-blocked.
RFOUT/2
13-18
N/C
No internal connection.
19
RFOUT
VCO RF output at Fo. Internally DC-blocked.
RFOUT
20
N/C
No internal connection.
21
VCC_OSC
Supply voltage input for the VCO. Typical +5V.
VCC_OSC



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com