Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

SW-207 Datasheet(PDF) 1 Page - Tyco Electronics

Part # SW-207
Description  GaAs SPDT Switch 5 - 3000 MHz
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

SW-207 Datasheet(HTML) 1 Page - Tyco Electronics

  SW-207 Datasheet HTML 1Page - Tyco Electronics SW-207 Datasheet HTML 2Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
GaAs SPDT Switch
5 - 3000 MHz
SW-207
M/A-COM, Inc.
North America:
Tel. (800) 366-2266
s
Asia/Pacific: Tel. +81 (03) 3226-1671
s
Europe: Tel. +44 (1344) 869 595
Fax (800) 618-8883
Fax +81 (03) 3226-1451
Fax +44 (1344) 300 020
1
Specifications Subject to Change Without Notice.
V2.00
Features
Low Insertion Loss: 1.0 dB Typ.
Fast Switching Speed
Low DC Power Consumption
Integral TTL
MIL-STD-883 Screening Available
Guaranteed Specifications* (From -55°C to +85°C)
Frequency Range
5 - 3000 MHz
Insertion Loss
5 - 3000 MHz
2.3 dB Max.
5 - 2000 MHz
1.4 dB Max.
5 - 1000 MHz
1.0 dB Max.
VSWR
5 - 3000 MHz
2.5:1 Max.
5 - 2000 MHz
1.7:1 Max.
5 - 1000 MHz
1.5:1 Max.
Isolation
5 - 3000 MHz
18 dB Min.
5 - 2000 MHz
28 dB Min.
5 - 1000 MHz
38 dB Min.
Operating Characteristics
Impedance
50 Ohms Nominal
Switching Characteristics
t
RISE, tFALL
7 ns Typ.
t
ON, tOFF (50% CTL to 90/10% RF)
20 ns Typ.
Transients (In-Band)
70 mV Typ.
Input Power for 1 dB Compression
0.5 - 3 GHz
+ 27 dBm Typ.
0.05 GHz
+ 21 dBm Typ.
Intermodulation Intercept Point
(for two-tone input power up to +13 dBm)
Intercept Points
IP2
IP3
0.5 - 3 GHz
+ 68 dBm Typ.
+ 46
0.05 GHz
+ 60 dBm Typ.
+40
Bias Power
+5 VDC @ 1 mA Max.
* All specifications apply when operated with bias voltages
of + 5 VDC and 50 ohm impedance at all RF ports.
Ordering Information
Part No.
Package
SW-207 PIN
Dual Inline
0.300
(7.6)
0.50
(12.7
0.5)
0.13
(3.3 0.5)
0.10
(2.5
0.5)
0.200
(5.1) MAX
0.120
(3.0) MIN
0.100
(2.5) TYP
0.018
±0.005
(0.46
±0.13) DIA.
14 PINS
0.87
(22.1
0.5)
CTL
RF IN
–
+
RF2
RF1
q
q
q
q
q
DI-1
Dimensions in ( ) are in mm.
Unless Otherwise Noted: .xxx = ±0.010 (.xx = ±0.25)
.xx = ±0.02 (.x = ±0.5)
(POSITIVE VOLTAGES ONLY)
WEIGHT (APPROX.) : 0.14 OUNCES 4 GRAMS


Similar Part No. - SW-207

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
SW-207-PIN MACOM-SW-207-PIN Datasheet
139Kb / 3P
GaAs SPDT Switch, 5 - 3000 MHz
logo
M/A-COM Technology Solu...
SW-207-PIN MA-COM-SW-207-PIN Datasheet
56Kb / 3P
GaAs SPDT Switch, 5 - 3000 MHz
More results

Similar Description - SW-207

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
SW-205 MACOM-SW-205 Datasheet
105Kb / 2P
Matched GaAs SPDT Switch 5 - 3000 MHz
SW-215 MACOM-SW-215 Datasheet
68Kb / 2P
Matched GaAs SPST Switch 5 - 3000 MHZ
SW-217 MACOM-SW-217 Datasheet
73Kb / 2P
GaAs SPDT Switch 5 - 2000 MHz
SW-205-PIN MACOM-SW-205-PIN Datasheet
138Kb / 3P
Matched GaAs SPDT Switch, 5 - 3000 MHz
SW-207-PIN MACOM-SW-207-PIN Datasheet
139Kb / 3P
GaAs SPDT Switch, 5 - 3000 MHz
SW-215-PIN MACOM-SW-215-PIN Datasheet
138Kb / 3P
Matched GaAs SPST Switch, 5 - 3000 MHz
logo
M/A-COM Technology Solu...
SW-205-PIN MA-COM-SW-205-PIN Datasheet
57Kb / 3P
Matched GaAs SPDT Switch, 5 - 3000 MHz
SW-207-PIN MA-COM-SW-207-PIN Datasheet
56Kb / 3P
GaAs SPDT Switch, 5 - 3000 MHz
SW-215-PIN MA-COM-SW-215-PIN Datasheet
57Kb / 3P
Matched GaAs SPST Switch, 5 - 3000 MHz
logo
Peregrine Semiconductor
PE4273 PSEMI-PE4273 Datasheet
298Kb / 12P
SPDT Broadband UltraCMOS 5 ??3000 MHz RF Switch
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com