Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

SW-217 Datasheet(PDF) 1 Page - Tyco Electronics

Part # SW-217
Description  GaAs SPDT Switch 5 - 2000 MHz
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

SW-217 Datasheet(HTML) 1 Page - Tyco Electronics

  SW-217 Datasheet HTML 1Page - Tyco Electronics SW-217 Datasheet HTML 2Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
GaAs SPDT Switch
5 - 2000 MHz
SW-217
M/A-COM, Inc.
North America:
Tel. (800) 366-2266
s
Asia/Pacific: Tel. +81 (03) 3226-1671
s
Europe: Tel. +44 (1344) 869 595
Fax (800) 618-8883
Fax +81 (03) 3226-1451
Fax +44 (1344) 300 020
1
Specifications Subject to Change Without Notice.
V2.00
Features
Low Insertion Loss, 1.0 dB Typical
Fast Switching Speed, 20 ns Typical
Ultra Low DC Power Consumption
0.12mA Typical
Integral TTL Driver
MIL-STD-883 Screening Available
Guaranteed Specifications* (From -55°C to +85°C)
Frequency Range
5-2000 MHz
Insertion Loss
5-2000 MHz
1.5 dB Max
5-1000 MHz
1.2 dB Max
5-500 MHz
1.1 dB Max
VSWR
5-2000 MHz
1.8:1 dB Max
5-1000 MHz
1.4:1 dB Max
5-500 MHz
1.25:1 dB Max
Isolation
5-2000 MHz
40 dB Min
5-1000 MHz
45 dB Min
5-500 MHz
53 dB Min
Operating Characteristics
Impedance
50 Ohms Nominal
Switching Characteristics
(TTL)
t
RISE, tFALL
7 ns
t
ON, tOFF (50% CTL to 90/10% RF)
20 ns
Transients (In-Band)
100 mV
Input Power for 1 dB Compression
500-2000 MHz
+27 dBm Typ
50 MHz
+21 dBm Typ
Intermodulation Intercept Point
(for two-tone input power up to +13 dBm)
Intercept Points
IP
2
IP
3
500-2000 MHz
+68
+46
dBm Typ
50 MHz
+60
+40
dBm Typ
Bias Power
+5 VDC @ 0.12 mA Typ, 1 mA Max
* All specifications apply when operated with bias voltages of +5 VDC
and 50 ohm impedance at all RF ports.
Ordering Information
Part No.
Package
SW-217 PIN
Dual Inline
q
q
q
q
q
DI-1
0.300
(7.6)
0.50
(12.7
0.5)
0.13
(3.3 0.5)
0.10
(2.5
0.5)
0.200
(5.1) MAX
0.120
(3.0) MIN
0.100
(2.5) TYP
0.018
±0.005
(0.46
±0.13) DIA.
14 PINS
0.87
(22.1
0.5)
CTL
RF IN
+
RF2
RF1
Dimensions in ( ) are in mm.
Unless otherwise noted: .xxx = ±0.010 (.xx = ±0.25)
.xx = ±0.02 (.x = ±0.5)
WEIGHT (APPROX.): 0.14 OUNCES
4 GRAMS


Similar Part No. - SW-217

ManufacturerPart #DatasheetDescription
logo
M/A-COM Technology Solu...
SW-217 MA-COM-SW-217 Datasheet
87Kb / 4P
Drivers for GaAs FET Switches and Digital Attenuators
More results

Similar Description - SW-217

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
SW-207 MACOM-SW-207 Datasheet
78Kb / 2P
GaAs SPDT Switch 5 - 3000 MHz
SW-255 MACOM-SW-255 Datasheet
81Kb / 2P
GaAs SP4T Switch 5 - 2000 MHz
SW-262 MACOM-SW-262 Datasheet
215Kb / 3P
GaAs SP4T Switch, 5 - 2000 MHz
SW-233-PIN MACOM-SW-233-PIN Datasheet
144Kb / 3P
Matched GaAs SPDT Switch, 5 - 2000 MHz
SW-241-PIN MACOM-SW-241-PIN Datasheet
142Kb / 3P
Matched GaAs SPDT Switch, 5 - 2000 MHz
SW-255-PIN MACOM-SW-255-PIN Datasheet
142Kb / 3P
GaAs SP4T Switch, 5 - 2000 MHz
SW-261-PIN MACOM-SW-261-PIN Datasheet
131Kb / 3P
Matched GaAs SPDT Switch, 5 - 2000 MHz
logo
M/A-COM Technology Solu...
SW-207-PIN MA-COM-SW-207-PIN Datasheet
56Kb / 3P
GaAs SPDT Switch, 5 - 3000 MHz
SW-233-PIN MA-COM-SW-233-PIN Datasheet
61Kb / 3P
Matched GaAs SPDT Switch, 5 - 2000 MHz
SW-255-PIN MA-COM-SW-255-PIN Datasheet
58Kb / 3P
GaAs SP4T Switch, 5 - 2000 MHz
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com