Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

SW-226 Datasheet(PDF) 2 Page - Tyco Electronics

Part # SW-226
Description  GaAs SPDT Switch DC-4 GHz
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

SW-226 Datasheet(HTML) 2 Page - Tyco Electronics

  SW-226 Datasheet HTML 1Page - Tyco Electronics SW-226 Datasheet HTML 2Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
V 2.01
GaAs SPDT Switch
SW-226/227/228
Typical Performance
2.0
1.5
1.0
0.5
0.0
0
1
2
3
4
FREQUENCY (GHz)
80
70
60
50
40
30
20
0
1
2
3
4
FREQUENCY (GHz)
2.0
1.8
1.6
1.4
1.2
1.0
0
1
2
3
4
FREQUENCY (GHz)
INSERTION LOSS
ISOLATION
VSWR
Pin Configuration
Truth Table**
Control Input
Condition of Switch
RF Common To Each RF PORT
A1 B1 A2 B2
RF1
RF2
SW-226/227 HI LO LO HI
ON
OFF
LO HI
HI LO
OFF
ON
SW-228
HI LO NC NC
ON
OFF
LO HI
NC NC
OFF
ON
SW-226/SW-227
SW-228
SW-226
SW-228
SW-227
SW-226/SW-227
SW-228



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com