Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

SW-254 Datasheet(PDF) 1 Page - Tyco Electronics

Part # SW-254
Description  Matched GaAs SP4T Switch 5 - 2000 MHz
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

SW-254 Datasheet(HTML) 1 Page - Tyco Electronics

  SW-254 Datasheet HTML 1Page - Tyco Electronics SW-254 Datasheet HTML 2Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Matched GaAs SP4T Switch
5 - 2000 MHz
SW-254
M/A-COM, Inc.
North America:
Tel. (800) 366-2266
s
Asia/Pacific: Tel. +81 (03) 3226-1671
s
Europe: Tel. +44 (1344) 869 595
Fax (800) 618-8883
Fax +81 (03) 3226-1451
Fax +44 (1344) 300 020
1
Specifications Subject to Change Without Notice.
V2.00
Features
Low Insertion Loss, 1.0 dB Typical
Fast Switching Speed, 20 ns Typical
Ultra Low DC Power Consumption, 0.3 mA Typical
Integral TTL Driver
Guaranteed Specifications * (From -55°C to +85°C)
Frequency Range
5-2000 MHz
Insertion Loss
5-2000 MHz
2.1 dB Max
5-1000 MHz
1.6 dB Max
5-500 MHz
1.4 dB Max
VSWR
5-2000 MHz
2.3:1 Max
5-1000 MHz
1.8:1 Max
5-500 MHz
1.4:1 Max
Isolation
5-2000 MHz
35 dB Min
5-1000 MHz
36 dB Min
5-500 MHz
42 dB Min
Operating Characteristics
Impedance
50 Ohms Nominal
Switching Characteristics
Trise, Tfall
7 ns
Ton, Toff (50% CTL to 90/10% RF)
20 ns
Transients (In-Band)
80 mV
Input Power for 1 dB Compression
500-2000 MHz
+27 dBm Typ
50 MHz
+21 dBm Typ
Intermodulation Intercept Point
(for two-tone input power up to +13 dBm)
Intercept Points
IP2
IP3
500-2000 MHz
+68
+46
dBm Typ
50 MHz
+60
+40
dBm Typ
Bias Power
+5 VDC @ 0.30 mA Typ, 1 mA Max
Environmental
MIL-STD-883 screening available.
* All specifications apply when operated with bias voltage of +5 VDC
and 50 ohm impedance at all RF ports.
q
q
q
q
Truth Table
Control Input
Condition of Switch
“1” = Logic High
RF Common To Each RF Port
TTL
CTL1 CTL2 CTL3
CTL4
RF1
RF2
RF3
RF4
1
0
0
0
ON
OFF
OFF
OFF
0
1
0
0
OFF
ON
OFF
OFF
0
0
1
0
OFF
OFF
ON
OFF
0
0
0
1
OFF
OFF
OFF
ON
DI-5
Schematic
RF 4
GND
GND
RF COMMON
GND
GND
GND
RF 1
RF 3
CTL 4
CTL 3
CTL 2
CTL 1
+VDC
NC
RF 2
Ordering Information
Model No.
Package
SW-254 PIN
Dual Inline
Dimensions in ( ) are in mm.
Unless Otherwise Noted: .xxx = ±0.010 (.xx = ±0.25)
.xx = ±0.02 (.x = ±0.5)
WEIGHT (APPROX.):
0.26 OUNCES
73 GRAMS


Similar Part No. - SW-254

ManufacturerPart #DatasheetDescription
logo
SOVICO corp.
SW-250 SOVICO-SW-250 Datasheet
469Kb / 1P
Speaker Wire
logo
Tyco Electronics
SW-255 MACOM-SW-255 Datasheet
81Kb / 2P
GaAs SP4T Switch 5 - 2000 MHz
SW-255-PIN MACOM-SW-255-PIN Datasheet
142Kb / 3P
GaAs SP4T Switch, 5 - 2000 MHz
logo
M/A-COM Technology Solu...
SW-255-PIN MA-COM-SW-255-PIN Datasheet
58Kb / 3P
GaAs SP4T Switch, 5 - 2000 MHz
logo
Tyco Electronics
SW-255PIN MACOM-SW-255PIN Datasheet
81Kb / 2P
GaAs SP4T Switch 5 - 2000 MHz
More results

Similar Description - SW-254

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
SW-255 MACOM-SW-255 Datasheet
81Kb / 2P
GaAs SP4T Switch 5 - 2000 MHz
SW-261 MACOM-SW-261 Datasheet
95Kb / 2P
Matched GaAs SP4T Switch 5 - 2000 MHz
SW-262 MACOM-SW-262 Datasheet
215Kb / 3P
GaAs SP4T Switch, 5 - 2000 MHz
SW-233-PIN MACOM-SW-233-PIN Datasheet
144Kb / 3P
Matched GaAs SPDT Switch, 5 - 2000 MHz
SW-241-PIN MACOM-SW-241-PIN Datasheet
142Kb / 3P
Matched GaAs SPDT Switch, 5 - 2000 MHz
SW-255-PIN MACOM-SW-255-PIN Datasheet
142Kb / 3P
GaAs SP4T Switch, 5 - 2000 MHz
SW-261-PIN MACOM-SW-261-PIN Datasheet
131Kb / 3P
Matched GaAs SPDT Switch, 5 - 2000 MHz
logo
M/A-COM Technology Solu...
SW-233-PIN MA-COM-SW-233-PIN Datasheet
61Kb / 3P
Matched GaAs SPDT Switch, 5 - 2000 MHz
SW-255-PIN MA-COM-SW-255-PIN Datasheet
58Kb / 3P
GaAs SP4T Switch, 5 - 2000 MHz
SW-261-PIN MA-COM-SW-261-PIN Datasheet
49Kb / 3P
Matched GaAs SP4T Switch, 5 - 2000 MHz
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com