Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

SW-255 Datasheet(PDF) 1 Page - Tyco Electronics

Part # SW-255
Description  GaAs SP4T Switch 5 - 2000 MHz
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

SW-255 Datasheet(HTML) 1 Page - Tyco Electronics

  SW-255 Datasheet HTML 1Page - Tyco Electronics SW-255 Datasheet HTML 2Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Features
Low Insertion Loss, 1.0 dB Typical
Fast Switching Speed, 20 ns Typical
Ultra Low DC Power Consumption, 0.3 mA Typical
Integral TTL DRIVER
Guaranteed Specifications* (From -55°C to +85°C)
Frequency Range
5-2000 MHz
Insertion Loss
5-2000 MHz
2.1 dB Max
5-1000 MHz
1.6 dB Max
5-500 MHz
1.4 dB Max
VSWR
5-2000 MHz
2.3:1 Max
5-1000 MHz
1.8:1 Max
5-500 MHz
1.3:1 Max
Isolation
5-2000 MHz
35 dB Min
5-1000 MHz
36 dB Min
5-500 MHz
42 dB Min
Operating Characteristics
Impedance
50 Ohms Nominal
Switching Characteristics
(TTL)
Trise, Tfall
7 ns
Ton, Toff (50% CTL to 90/10% RF)
20 ns
Transients (In-Band)
80 mV
Input Power for 1 dB Compression
500-2000 MHz
+27 dBm Typ
50 MHz
+21 dBm Typ
Intermodulation Intercept Point
(for two-tone input power up to +13 dBm)
Intercept Points
IP2
500-2000 MHz
+68
dBm Typ
50 MHz
+60
dBm Typ
Bias Power
+5 VDC @ 0.30 mA Typ, 1 mA Max
Environmental
MIL-STD-883 screening available.
* All specifications apply when operated with bias voltage of +5 VDC
and 50 ohm impedance at all RF ports.
DI-5
q
q
q
q
SW-255
Schematic
RF 4
GND
GND
RF COMMON
GND
GND
GND
RF 1
RF 3
CTL 4
CTL 3
CTL 2
CTL 1
+VDC
NC
RF 2
Truth Table
Control Input
Condition of Switch
“1” = Logic High
RF Common To Each RF Port
TTL(SW-255)
CTL1 CTL2 CTL3
CTL4
RF1
RF2
RF3
RF4
1
0
0
0
ON
OFF
OFF
OFF
0
1
0
0
OFF
ON
OFF
OFF
0
0
1
0
OFF
OFF
ON
OFF
0
0
0
1
OFF
OFF
OFF
ON
Ordering Information
Model No.
Package
SW-255 PIN
Dual Inline
M/A-COM, Inc.
North America:
Tel. (800) 366-2266
s
Asia/Pacific: Tel. +81 (03) 3226-1671
s
Europe: Tel. +44 (1344) 869 595
Fax (800) 618-8883
Fax +81 (03) 3226-1451
Fax +44 (1344) 300 020
1
Specifications Subject to Change Without Notice.
V3.00
GaAs SP4T Switch
5 - 2000 MHz
Dimensions in ( ) are in mm.
Unless Otherwise Noted: .xxx = ±0.010 (.xx = ±0.25)
.xx = ±0.02 (.x = ±0.5)
WEIGHT (APPROX.):
0.26 OUNCES
73 GRAMS


Similar Part No. - SW-255

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
SW-255-PIN MACOM-SW-255-PIN Datasheet
142Kb / 3P
GaAs SP4T Switch, 5 - 2000 MHz
logo
M/A-COM Technology Solu...
SW-255-PIN MA-COM-SW-255-PIN Datasheet
58Kb / 3P
GaAs SP4T Switch, 5 - 2000 MHz
More results

Similar Description - SW-255

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
SW-217 MACOM-SW-217 Datasheet
73Kb / 2P
GaAs SPDT Switch 5 - 2000 MHz
SW-254 MACOM-SW-254 Datasheet
73Kb / 2P
Matched GaAs SP4T Switch 5 - 2000 MHz
SW-261 MACOM-SW-261 Datasheet
95Kb / 2P
Matched GaAs SP4T Switch 5 - 2000 MHz
SW-262 MACOM-SW-262 Datasheet
215Kb / 3P
GaAs SP4T Switch, 5 - 2000 MHz
SW-233-PIN MACOM-SW-233-PIN Datasheet
144Kb / 3P
Matched GaAs SPDT Switch, 5 - 2000 MHz
SW-255-PIN MACOM-SW-255-PIN Datasheet
142Kb / 3P
GaAs SP4T Switch, 5 - 2000 MHz
SW-261-PIN MACOM-SW-261-PIN Datasheet
131Kb / 3P
Matched GaAs SPDT Switch, 5 - 2000 MHz
logo
M/A-COM Technology Solu...
SW-255-PIN MA-COM-SW-255-PIN Datasheet
58Kb / 3P
GaAs SP4T Switch, 5 - 2000 MHz
SW-261-PIN MA-COM-SW-261-PIN Datasheet
49Kb / 3P
Matched GaAs SP4T Switch, 5 - 2000 MHz
logo
Skyworks Solutions Inc.
SKY13296-340LF SKYWORKS-SKY13296-340LF Datasheet
418Kb / 6P
GaAs SP4T Absorptive Switch 20 MHz??.5 GHz
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com