Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

SW-262 Datasheet(PDF) 1 Page - Tyco Electronics

Part # SW-262
Description  GaAs SP4T Switch, 5 - 2000 MHz
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

SW-262 Datasheet(HTML) 1 Page - Tyco Electronics

  SW-262 Datasheet HTML 1Page - Tyco Electronics SW-262 Datasheet HTML 2Page - Tyco Electronics SW-262 Datasheet HTML 3Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
GaAs SP4T Switch,
5 - 2000 MHz
FP-17
V 3.00
Features
n
Low Insertion Loss, 1.0 dB Typical
n
Fast Switching Speed, 20 nS Typical
n
Ultra Low DC Power Consumption, 0.3 mA Typical
n
Integral TTL Driver
Description
M/A-COM’s SW-262 is a hermetic SP4T switch that
features ultralow DC power consumption.
SW-262 is
operates with a single +5V bias. Due to the use of GaAs
MMICs the switch features fast switching speed and high
intercept points. The switch is packaged in a metal flatpack,
and is available with screening upon request. This switch is
ideal for industrial and military applications where high
reliability is required.
Electrical Specifications: TA = -55°C to +85°C
1
Parameter
Test Conditions
Frequency
Units
Min
Typ
Max
Insertion Loss
5 - 2000 MHz
5 - 1000 MHz
5 - 500 MHz
dB
dB
dB
2.2
1.4
1.2
VSWR
5 - 2000 MHz
5 - 1000 MHz
5 - 500 MHz
Ratio
Ratio
Ratio
2.5:1
1.5:1
1.3:1
Isolation
5 - 2000 MHz
5 - 1000 MHz
5 - 500 MHz
dB
dB
dB
35
37
42
Impedance
Ohms
50
Trise, Tfall
10% to 90% / 90% to 10% RF
ns
7
Ton, Toff
50% CTL to 90/10% RF
ns
20
Transients
In-Band
mV
80
1 dB Compression
Input Power
500 - 2000 MHz
50 MHz
dBm
dBm
+27
+21
IP2
For two-tone input power up to +13 dBm
500 - 2000 MHz
50 MHz
dBm
dBm
+68
+60
IP3
For two-tone input power up to +13 dBm
500 - 2000 MHz
50 MHz
dBm
dBm
+46
+40
1. All specifications apply when operated with bias voltages of +5 VDC and 50 Ohm impedance at all RF ports.


Similar Part No. - SW-262

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
SW-261 MACOM-SW-261 Datasheet
95Kb / 2P
Matched GaAs SP4T Switch 5 - 2000 MHz
SW-261-PIN MACOM-SW-261-PIN Datasheet
131Kb / 3P
Matched GaAs SPDT Switch, 5 - 2000 MHz
logo
M/A-COM Technology Solu...
SW-261-PIN MA-COM-SW-261-PIN Datasheet
49Kb / 3P
Matched GaAs SP4T Switch, 5 - 2000 MHz
logo
Tyco Electronics
SW-261PIN MACOM-SW-261PIN Datasheet
95Kb / 2P
Matched GaAs SP4T Switch 5 - 2000 MHz
More results

Similar Description - SW-262

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
SW-217 MACOM-SW-217 Datasheet
73Kb / 2P
GaAs SPDT Switch 5 - 2000 MHz
SW-254 MACOM-SW-254 Datasheet
73Kb / 2P
Matched GaAs SP4T Switch 5 - 2000 MHz
SW-255 MACOM-SW-255 Datasheet
81Kb / 2P
GaAs SP4T Switch 5 - 2000 MHz
SW-261 MACOM-SW-261 Datasheet
95Kb / 2P
Matched GaAs SP4T Switch 5 - 2000 MHz
SW-233-PIN MACOM-SW-233-PIN Datasheet
144Kb / 3P
Matched GaAs SPDT Switch, 5 - 2000 MHz
SW-255-PIN MACOM-SW-255-PIN Datasheet
142Kb / 3P
GaAs SP4T Switch, 5 - 2000 MHz
SW-261-PIN MACOM-SW-261-PIN Datasheet
131Kb / 3P
Matched GaAs SPDT Switch, 5 - 2000 MHz
logo
M/A-COM Technology Solu...
SW-255-PIN MA-COM-SW-255-PIN Datasheet
58Kb / 3P
GaAs SP4T Switch, 5 - 2000 MHz
SW-261-PIN MA-COM-SW-261-PIN Datasheet
49Kb / 3P
Matched GaAs SP4T Switch, 5 - 2000 MHz
logo
Skyworks Solutions Inc.
SKY13296-340LF SKYWORKS-SKY13296-340LF Datasheet
418Kb / 6P
GaAs SP4T Absorptive Switch 20 MHz??.5 GHz
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com