Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

SW-289 Datasheet(PDF) 1 Page - Tyco Electronics

Part # SW-289
Description  GaAs DPDT Switch DC - 2 GHz
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

SW-289 Datasheet(HTML) 1 Page - Tyco Electronics

  SW-289 Datasheet HTML 1Page - Tyco Electronics SW-289 Datasheet HTML 2Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Features
Very Low Power Consumption: 100 µW
Low Insertion Loss: 0.5 dB
High Isolation: 25 dB up to 2 GHz
Very High Intercept Point: 48 dBm IP3
Nanosecond Switching Speed
Temperature Range: -40˚C to +85˚C
Low Cost SOIC14 Plastic Package
Tape and Reel Packaging Available1
Description
M/A-COM’s SW-289 is a GaAs MMIC DPDT switch in a low cost
SOIC 14-lead surface mount plastic package. The SW-289 is ideally
suited for use where very low power consumption is required.
Typical applications include transmit/receive switching, switch
matrices, digital step attenuators, and filter banks in systems such as:
radio and cellular equipment, PCM, GPS, fiber optic modules, and
other battery powered radio equipment.
The SW-289 is fabricated with a monolithic GaAs MMIC using a
mature 1-micron process. The process features full chip passivation
for increased performance and reliability.
GaAs DPDT Switch
DC - 2 GHz
SW-289
SO-14
Parameter
Test Conditions2
Unit
Min.
Typ.
Max
Insertion Loss
DC – 0.1 GHz
dB
0.35
0.5
DC – 0.5 GHz
dB
0.35
0.5
DC – 1.0 GHz
dB
0.4
0.6
DC – 2.0 GHz
dB
0.6
0.8
Isolation
DC – 0.1 GHz
dB
50
56
DC – 0.1 GHz
dB
40
43
DC – 1.0 GHz
dB
32
35
DC – 2.0 GHz
dB
20
23
VSWR
DC – 2.0 GHz
1.3:1
Trise, Tfall
10% to 90% RF, 90% to 10% RF
nS
3
Ton, Toff
50% Control to 90% RF, 50% Control to 10% RF
nS
6
Transients
In Band
mV
15
One dB
Input Power
0.05 GHz
dBm
22
Compression
Input Power
0.5 – 2.0 GHz
dBm
27
Measured Relative
0.05 GHz
dBm
54
IP2
to Input Power
0.5 – 2.0 GHz
dBm
66
(for two-tone input power up to +5 dBm)
Measured Relative
0.05 GHz
dBm
45
IP3
to Input Power
0.5 – 2.0 GHz
dBm
48
(for two-tone input power up to +5 dBm)
Electrical Specifications, TA = +25°C
1. Refer to “Tape and Reel Packaging” section, or contact factory.
2. All measurements with 0, -5 V control voltages at 1 GHz in a 50
Ω system, unless otherwise specified.
Ordering Information
Part Number
Package
SW-289 PIN
SOIC 14-Lead Plastic Package
SW-289TR
Forward Tape & Reel
SW-289RTR
Reverse Tape & Reel
q
q
q
q
q
q
q
q
V 2.00


Similar Part No. - SW-289

ManufacturerPart #DatasheetDescription
logo
M/A-COM Technology Solu...
SW-289 MA-COM-SW-289 Datasheet
87Kb / 4P
Drivers for GaAs FET Switches and Digital Attenuators
More results

Similar Description - SW-289

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
MASW2040 MACOM-MASW2040 Datasheet
88Kb / 2P
GaAs DPDT Switch DC - 2 GHz
MASW6030G MACOM-MASW6030G Datasheet
75Kb / 3P
GaAs DPDT Switch DC - 6.0 GHz
logo
Hexawave, Inc
HWS410 HW-HWS410 Datasheet
73Kb / 2P
GaAs DC-6 GHz DPDT Switch
HWS420 HW-HWS420 Datasheet
74Kb / 2P
GaAs DC-6 GHz DPDT Switch
logo
M/A-COM Technology Solu...
MASW2040 MA-COM-MASW2040 Datasheet
63Kb / 4P
GaAs DPDT Switch DC - 2.0 GHz
logo
Vitesse Semiconductor C...
HWS420_V3 VITESSE-HWS420_V3_15 Datasheet
53Kb / 2P
GaAs DC-6 GHz DPDT Switch
logo
Hexawave, Inc
HWS499_V3 HW-HWS499_V3_15 Datasheet
60Kb / 2P
GaAs DC-4 GHz DPDT Switch
HWS465_V4 HW-HWS465_V4_15 Datasheet
61Kb / 2P
GaAs DC-6 GHz DPDT Switch
HWS415_V5 HW-HWS415_V5_15 Datasheet
59Kb / 2P
GaAs DC-6 GHz DPDT Switch
logo
M/A-COM Technology Solu...
MASW6030G MA-COM-MASW6030G_15 Datasheet
573Kb / 5P
GaAs DPDT Switch DC - 6.0 GHz
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com