Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

SW-314 Datasheet(PDF) 1 Page - Tyco Electronics

Part # SW-314
Description  GaAs SP4T Absorptive Switch, DC - 3 GHz
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

SW-314 Datasheet(HTML) 1 Page - Tyco Electronics

  SW-314 Datasheet HTML 1Page - Tyco Electronics SW-314 Datasheet HTML 2Page - Tyco Electronics SW-314 Datasheet HTML 3Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
GaAs SP4T Absorptive Switch,
DC - 3 GHz
CR-14
V 4.00
Features
n
Integral TTL Driver
n
Isolation: 50 dB Typ. At 1 GHz
n
Ultra Low DC Power Consumption
n
Hermetic Surface Mount Package
n
50 Ohms Nominal Impedance
n
MIL-STD-883 Screening Available
Description
M/A-COM’s SW-314 is a GaAs MMIC SP4T absorptive
switch with an integral silicon ASIC driver.
This
device is in a 24-lead ceramic surface mount package.
These switches exhibit excellent performance from DC to 3
GHz, with very low DC power dissipation.
The
SW-314 is ideally suited for RF/IF communications
applications.
Environmental
screening
is
available.
Contact the factory for information.
Electrical Specifications
1,2
(From –55°C to +85°C)
Parameter
Test Conditions
Frequency
Units
Min
Typ
Max
Insertion Loss
DC - 0.5 GHz
DC - 1.0 GHz
DC - 2.0 GHz
DC - 3.0 GHz
dB
dB
dB
dB
1.3
1.4
1.6
1.8
Isolation
DC - 0.5 GHz
DC - 1.0 GHz
DC - 2.0 GHz
DC - 3.0 GHz
dB
dB
dB
dB
50
40
35
30
VSWR
RFC, RF1 - RF4 (On)
DC - 0.5 GHz
DC - 1.0 GHz
DC - 2.0 GHz
DC - 3.0 GHz
Ratio
Ratio
Ratio
Ratio
1.6:1
1.6:1
1.6:1
1.8:1
VSWR
RF1 - RF4 (Off)
DC - 0.5 GHz
DC - 1.0 GHz
DC - 2.0 GHz
DC - 3.0 GHz
Ratio
Ratio
Ratio
Ratio
1.3:1
1.5:1
1.9:1
2.4:1
Trise, Tfall
10% to 90%
ns
7
Ton, Toff
50% Control to 90% / 10% RF
ns
25
Transients
In-Band (peak-peak)
mV
20
1 dB Compression
Input Power
0.05 GHz
0.5 GHz to 3 GHz
dBm
dBm
+20
+27
1. All specifications apply when operated with bias voltages of +5V for Vcc and –5V for Vee.
2. When DC blocks are used, a 10K ohm return to GND is required on the RFC port.


Similar Part No. - SW-314

ManufacturerPart #DatasheetDescription
logo
M/A-COM Technology Solu...
SW-314 MA-COM-SW-314 Datasheet
229Kb / 3P
Integral TTL Driver
logo
Tyco Electronics
SW-314-PIN MACOM-SW-314-PIN Datasheet
160Kb / 4P
GaAs SP4T Absorptive Switch, DC-3.0 GHz
SW-314-TB MACOM-SW-314-TB Datasheet
160Kb / 4P
GaAs SP4T Absorptive Switch, DC-3.0 GHz
More results

Similar Description - SW-314

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
SW15-0314 MACOM-SW15-0314 Datasheet
228Kb / 3P
GaAs SP4T Absorptive Switch, DC - 3 GHz
SW65-0440 MACOM-SW65-0440 Datasheet
304Kb / 4P
GaAs SP4T Absorptive Switch with ASIC Driver, DC - 3 GHz
SW90-0003 MACOM-SW90-0003 Datasheet
240Kb / 3P
GaAs SP4T Switch, Absorptive, Single Supply, DC - 4 GHz
MASWCC0010 MACOM-MASWCC0010 Datasheet
238Kb / 5P
GaAs SP4T Switch, Absorptive, Single Supply DC - 4.0 GHz
SW-314-PIN MACOM-SW-314-PIN Datasheet
160Kb / 4P
GaAs SP4T Absorptive Switch, DC-3.0 GHz
logo
M/A-COM Technology Solu...
SW15-0314 MA-COM-SW15-0314 Datasheet
117Kb / 4P
GaAs SP4T Absorptive Switch, DC-3.0 GHz
SW65-0440 MA-COM-SW65-0440 Datasheet
180Kb / 6P
GaAs SP4T Switch, Absorptive, Single Supply DC - 3.0 GHz
SW90-0003 MA-COM-SW90-0003 Datasheet
152Kb / 5P
GaAs SP4T Switch, Absorptive, Single Supply DC - 4.0 GHz
MASWCC0009 MA-COM-MASWCC0009 Datasheet
181Kb / 6P
GaAs SP4T Switch, Absorptive, Single Supply DC - 3.0 GHz
MASWCC0009 MA-COM-MASWCC0009_15 Datasheet
864Kb / 7P
GaAs SP4T Switch, Absorptive DC - 3.0 GHz
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com