Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

SW-425 Datasheet(PDF) 1 Page - Tyco Electronics

Part # SW-425
Description  3 Watt Cellular T/R and Antenna Changeover Switch, DC - 3.0 GHz
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

SW-425 Datasheet(HTML) 1 Page - Tyco Electronics

  SW-425 Datasheet HTML 1Page - Tyco Electronics SW-425 Datasheet HTML 2Page - Tyco Electronics SW-425 Datasheet HTML 3Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
3 Watt Cellular T/R and Antenna Changeover Switch, DC - 3.0 GHz
SW-425
M/A-COM Division of AMP Incorporated
3 North America: Tel. (800) 366-2266, Fax (800) 618-8883 3 Asia/Pacific: Tel.+85 2 2111 8088, Fax +85 2 2111 8087
3 Europe: Tel. +44 (1344) 869 595, Fax+44 (1344) 300 020
www.macom.com
AMP and Connecting at a Higher Level are trademarks.
Specifications subject to change without notice.
V2.00
3 Watt Cellular T/R and Antenna
Changeover Switch, DC - 3.0 GHz
SW-425
Features
Low Cost Plastic SOT-26 Package
Low Insertion Loss <0.6dB @ 1900 MHz
Low Power Consumption <20µA @ +3V
Very High Intercept Point: 53 dBm IP
3
Both Positive and Negative 2.5 to 8 V Control
For CDMA, W-CDMA, TDMA, GSM, PCS and DCS
Applications
Description
M/A-COM’s SW-425 is a GaAs monolithic switch in a low cost
SOT-26 surface mount plastic package. The SW-425 is ideally
suited for applications where very low power consumption
(<10µA@5V), low intermodulation products and very small size
are required. Typical applications include Internal/External antenna
select switch for portable telephones and data radios. In addition,
because of its low loss, good isolation and inherent speed, the
SW-425 can be used as a conventional T/R switch or as an antenna
diversity switch. The SW-425 can be used in power applications up
to 3 watts in systems such as celluar PCS, CDMA, W-CDMA,
TDMA, GSM and other analog/digital wireless communications
systems.
The SW-425 is fabricated using a new 0.5 micron gate length GaAs
PHEMT process. The process features full chip passivation for
increased performance and reliability.
SOT-26 Plastic Package
Electrical Specifications T
A = 25°C
Ordering Information
Part Number
Package
SW-425 PIN
SOT-26 Plastic Package
SW-425TR
Forward Tape and Reel
1
SW-425RTR
Reverse Tape and Reel
1
PIN1
XX#Y
1. Reference Application Note M513 for reel size information.
Parameter
Test Conditions
Units
Min.
Typ.
Max.
Insertion Loss
DC - 1 GHz
dB
0.4
0.5
Insertion Loss
1- 2 GHz
dB
0.55
0.65
Insertion Loss
2 - 3 GHz
dB
0.7
0.8
Isolation
DC - 1 GHz
dB
18
20
Isolation
1 - 2 GHz
dB
13
15
Isolation
2 - 3 GHz
dB
10
12
VSWR
DC - 3 GHz
1.2:1
1.4:1
P
1dB (3V supply)
500 MHz - 3 GHz
dBm
32
34
P
1dB (5V supply)
500 MHz - 3 GHz
dBm
34
36
Input IP
2
2-Tone, 5 MHz spacing,
0.9 GHz
+10 dBm (+13 dBm total) V
CTL=3V
dBm
62
70
Input IP
3
2-Tone, 5 MHz spacing,
0.9 GHz
+10 dBm (+13 dBm total) V
CTL=3V
dBm
48
53
Harmonics
2
nd
3
rd
Pin 30 dBm |V
CTL| = 3V
dBc
65
45
70
48
Harmonics
2
nd
3
rd
Pin 33 dBm |V
CTL| = 5V
dBc
65
65
75
75
T
rise, Tfall
T
on, Toff
Transients
10% to 90% RF, 90% to 10% RF
50% Control to 90% RF, Control to 10% RF
In-Band
nS
nS
mV
60
20
20
Gate Leakage Current
V
CTL = 3 V
µA
10
20


Similar Part No. - SW-425

ManufacturerPart #DatasheetDescription
logo
M/A-COM Technology Solu...
SW-425 MA-COM-SW-425 Datasheet
86Kb / 3P
3 Watt Cellular T/R and Antenna Changeover Switch DC - 3.0 GHz
SW-4251 MA-COM-SW-4251 Datasheet
87Kb / 4P
Drivers for GaAs FET Switches and Digital Attenuators
SW-425TR MA-COM-SW-425TR Datasheet
86Kb / 3P
3 Watt Cellular T/R and Antenna Changeover Switch DC - 3.0 GHz
More results

Similar Description - SW-425

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC484MS8G HITTITE-HMC484MS8G Datasheet
270Kb / 8P
GaAs MMIC 10 WATT T/R SWITCH DC - 3.0 GHz
HMC595 HITTITE-HMC595 Datasheet
343Kb / 8P
GaAs MMIC 3 WATT T/R SWITCH, DC - 3 GHz
logo
Tyco Electronics
MASWSS0143 MACOM-MASWSS0143 Datasheet
209Kb / 3P
3 Watt Cellular T/R and Antenna Changeover Switch DC - 3.0 GHz
logo
M/A-COM Technology Solu...
MASWSS0143 MA-COM-MASWSS0143 Datasheet
74Kb / 3P
3 Watt Cellular T/R and Antenna Changeover Switch DC - 3.0 GHz
SW-425 MA-COM-SW-425 Datasheet
86Kb / 3P
3 Watt Cellular T/R and Antenna Changeover Switch DC - 3.0 GHz
logo
Hittite Microwave Corpo...
HMC595 HITTITE-HMC595_08 Datasheet
231Kb / 8P
GaAs MMIC 3 WATT T/R SWITCH, DC - 3 GHz
logo
M/A-COM Technology Solu...
MASWSS0143 MA-COM-MASWSS0143 Datasheet
74Kb / 3P
3 Watt Cellular T/R and Antenna Changeover Switch
MASWSS0143 MA-COM-MASWSS0143_15 Datasheet
74Kb / 3P
3 Watt Cellular T/R and Antenna Changeover Switch
logo
Hittite Microwave Corpo...
HMC595A HITTITE-HMC595A Datasheet
879Kb / 8P
GaAs MMIC 3 WATT T/R SWITCH DC - 3 GHz
logo
Analog Devices
HMC595A AD-HMC595A Datasheet
371Kb / 6P
GaAs MMIC 3 WATT T/R SWITCH DC - 3 GHz
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com