Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

SW90-0001 Datasheet(PDF) 2 Page - Tyco Electronics

Part # SW90-0001
Description  GaAs SPST Switch, Absorptive, Single Supply, DC - 4 GHz
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

SW90-0001 Datasheet(HTML) 2 Page - Tyco Electronics

  SW90-0001 Datasheet HTML 1Page - Tyco Electronics SW90-0001 Datasheet HTML 2Page - Tyco Electronics SW90-0001 Datasheet HTML 3Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
GaAs SPST Switch, Absorptive, Single Supply, DC - 4 GHz
SW90-0001
Specifications subject to change without notice.
n North America: Tel. (800) 366-2266
n Asia/Pacific: Tel.+81-44-844-8296, Fax +81-44-844-8298
n Europe: Tel. +44 (1344) 869 595, Fax+44 (1344) 300 020
Visit www.macom.com for additional data sheets and product information.
V 3.00
2
Pin Configuration
1,2,3
Pin No.
Function
Pin No.
Function
1
NC
17
NC
2
NC
18
NC
3
C1
19
VCC
4
NC
20
NC
5
NC
21
CP2
6
NC
22
NC
7
NC
23
CP1
8
NC
24
NC
9
NC
25
VEE
10
NC
26
GND
11
GND
27
RF1
12
RF2
28
GND
13
GND
29
NC
14
NC
30
VEE
15
NC
31
NC
16
NC
32
VCC
Truth Table
Control Input
Condition of the Switch
C1
RF1 to RF2
0
Off
1
On
Parameter
Absolute Maximum
Max. Input Power
0.05 GHz
0.5 - 4.0 GHz
+27 dBm
+34 dBm
Bias Voltages
VCC
Control Voltage
6
+5.5V
-0.5V to VCC +0.5V
Operating Temperature
-40°C to +85°C
Storage Temperature
-65°C to +125°C
Absolute Maximum Ratings
4,5
4. Operation of this device above any one of these
parameters may cause permanent damage.
5. When the RF input is applied to the terminated port, the
absolute maximum power is +30 dBm.
6. Standard CMOS TTL interface, latch-up will occur if logic
signal is applied prior to power supply.
Recommended PCB Layout
7
Functional Schematic
1.
NC = No Connection
2.
VEE is internally generated and must remain isolated from
external power supplies.
3.
Connections and external components shown in func-
tional schematic are required. 0.1 µF Capacitors need to
be located near pins 30 & 32.
7. Application Note C2083 is available on line at
www.macom.com



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com