Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

LP3301S Datasheet(PDF) 1 Page - Lowpower Semiconductor inc

Part # LP3301S
Description  1.2MHzFixed-Frequency PWM Operation
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWER [Lowpower Semiconductor inc]
Direct Link  http://www.lowpowersemi.com
Logo POWER - Lowpower Semiconductor inc

LP3301S Datasheet(HTML) 1 Page - Lowpower Semiconductor inc

  LP3301S Datasheet HTML 1Page - Lowpower Semiconductor inc LP3301S Datasheet HTML 2Page - Lowpower Semiconductor inc LP3301S Datasheet HTML 3Page - Lowpower Semiconductor inc LP3301S Datasheet HTML 4Page - Lowpower Semiconductor inc LP3301S Datasheet HTML 5Page - Lowpower Semiconductor inc LP3301S Datasheet HTML 6Page - Lowpower Semiconductor inc LP3301S Datasheet HTML 7Page - Lowpower Semiconductor inc LP3301S Datasheet HTML 8Page - Lowpower Semiconductor inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
Preliminary Datasheet
LP3301S
LP3301S– 00 Version1.0 Datasheet
Feb.-2010
www.lowpowersemi.com
Page 1 of 8
1.2MHz,30V/1.4A High Performance, Boost Converter
General Description
The LP3301S is a 1.2MHz PWM boost switching
regulator designed for constant-voltage boost
applications. The LP3301S can drive a string of up
to 30V. The LP3301S implements a constant
frequency 1.2MHz PWM control scheme. The high
frequency PWM operation also saves board space
by reducing external component sizes. To improve
efficiency, the feedback voltage is set to 1250 mV,
which reduces the power dissipation in the voltage
setting resistor.
Highly integration and internal compensation
network minimizes as 5 external component counts.
Optimized operation frequency can meet the
requirement of small LC filters value and low
operation current with high efficiency.
Ordering Information
LP3301S
F: Pb-Free
Package:
B5: SOT23-5
B6: SOT23-6
Pin Configurations
(TSOT23-6)
(SOT23-5)
Features
High Efficiency: 95%  
1.2MHzFixed-Frequency PWM Operation
Maximum Output Voltage up to 30V
Guaranteed 13V/400mA Output with 5V input
Operating Range : 2.7V to 5.5V
Shutdown Supply Current:<1uA  
Programmable Soft-star
Available in SOT23-6/SOT23-5 Package  
Minimize the External Component
RoHS Compliant and 100% Lead (Pb)-Free
Applications
Panel Bais Voltage supply
OLED Backlight driver
Notebook Computers
Portable Applications
MID/PTV
Typical Application Circuit
Marking information
Please view website.
Vin
10uH
GND
2
SHDN
4
FB
3
Vin
6
LX
1
SS
5
LP3301s
C2
4.7uF
C3/NC
100pF
C1
4.7uF
C4
33nF
R2
100K
R1
860K
Vout


Similar Part No. - LP3301S

ManufacturerPart #DatasheetDescription
logo
Lowpower Semiconductor ...
LP3301 POWER-LP3301 Datasheet
310Kb / 6P
1.5MHz Fixed-Frequency PWM Operation
More results

Similar Description - LP3301S

ManufacturerPart #DatasheetDescription
logo
Lowpower Semiconductor ...
LP3308 POWER-LP3308 Datasheet
439Kb / 9P
1.4MHzFixed-Frequency PWM Operation
LP3311 POWER-LP3311 Datasheet
510Kb / 8P
1.3MHzFixed-Frequency PWM Operation
LP3315 POWER-LP3315 Datasheet
424Kb / 8P
1.2MHzFixed-Frequency PWM Operation
LP3316 POWER-LP3316 Datasheet
544Kb / 8P
1.2MHzFixed-Frequency PWM Operation
LP3321 POWER-LP3321 Datasheet
505Kb / 9P
1.3MHzFixed-Frequency PWM Operation
LP3382 POWER-LP3382 Datasheet
551Kb / 9P
1.2MHzFixed-Frequency PWM Operation
LP3382S POWER-LP3382S Datasheet
555Kb / 9P
1.2MHzFixed-Frequency PWM Operation
LP3383 POWER-LP3383 Datasheet
544Kb / 9P
1.2MHzFixed-Frequency PWM Operation
LP3385 POWER-LP3385 Datasheet
534Kb / 9P
1.2MHzFixed-Frequency PWM Operation
LP3390 POWER-LP3390 Datasheet
299Kb / 8P
1.2MHzFixed-Frequency PWM Operation
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com