Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

MS34P07 Datasheet(PDF) 2 Page - Bruckewell Technology LTD

Part # MS34P07
Description  Low thermal impedance
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BWTECH [Bruckewell Technology LTD]
Direct Link  http://www.bruckewell-semi.com
Logo BWTECH - Bruckewell Technology LTD

MS34P07 Datasheet(HTML) 2 Page - Bruckewell Technology LTD

  MS34P07 Datasheet HTML 1Page - Bruckewell Technology LTD MS34P07 Datasheet HTML 2Page - Bruckewell Technology LTD MS34P07 Datasheet HTML 3Page - Bruckewell Technology LTD MS34P07 Datasheet HTML 4Page - Bruckewell Technology LTD MS34P07 Datasheet HTML 5Page - Bruckewell Technology LTD  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
MS34P07
Parameter
Symbol
Test Conditions
Min
Typ
Max
Unit
Gate-Source Threshold Voltage
VGS(th)
VDS = VGS, ID = -250 uA
-20
V
Gate-Body Leakage
IGSS
VDS = 0 V, VGS = ±12 V
±10
uA
VDS = -16 V, VGS = 0 V
-1
VDS = -16 V, VGS = 0 V, TJ = 85°C
-30
On-State Drain Current
ID(on)
VDS = -5 V, VGS = -4.5 V
10
A
VGS = -4.5 V, ID = -5 A
34
VGS = -2.5 V, ID = -3 A
48
Forward Transconductance
gfs
VDS = -15 V, ID = -5 A
10
S
Diode Forward Voltage
VSD
IS = -1.0 A, VGS = 0 V
-0.7
V
Total Gate Charge
Qg
16
Gate-Source Charge
Qgs
4
Gate-Drain Charge
Qgd
5
Turn-On Delay Time
td(on)
6
Rise Time
tr
12
Turn-Off Delay Time
td(off)
75
Fall Time
tf
38
Input Capacitance
Ciss
1450
Output Capacitance
Coss
200
Reverse Transfer Capacitance
Crss
165
Notes
a.
Pulse test: PW <= 300us duty cycle <= 2%.
b.
Guaranteed by design, not subject to production testing.
ns
VDS = -10 V, VGS = -4.5 V, ID = -5 A
Electrical Characteristics
Drain-Source On-Resistance
rDS(on)
mΩ
Dynamic
Zero Gate Voltage Drain Current
Static
uA
IDSS
nC
VDD = -10 V, RL = 10 Ω, ID = -1 A,
VGEN = -4.5 V, RGEN = 6 Ω
VDS = -10 V, VGS = 0 V, f = 1 MHz
pF
2



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com