Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

ST60 Datasheet(PDF) 2 Page - Arch Electronics Corp.

Part # ST60
Description  Power Module for PCB Mountable
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ARCH [Arch Electronics Corp.]
Direct Link  http://www.archcorp.com.tw
Logo ARCH - Arch Electronics Corp.

ST60 Datasheet(HTML) 2 Page - Arch Electronics Corp.

  ST60 Datasheet HTML 1Page - Arch Electronics Corp. ST60 Datasheet HTML 2Page - Arch Electronics Corp.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
VER : PA_2
update : 2015.08.18
Encapsulated DC-DC Converter
ST60 SERIES
60 Watts
http://www.archcorp.com.tw
TEL: +886-2-26989508
FAX: +886-2-26981319
-2-
NOTE
1. Ripple & Noise are measured at 20MHz of bandwidth with ceramic 0.1uF & chemi-con KY 47uF parallel capacitor.
2. That “natural convection” is about 20LFM but is not equal to still air (0 LFM).
3.
4. Please refer to our PDF file "DC-DC Application" on our website: www.archcorp.com.tw
MECHANICAL DIMENSION
( Top View )
PIN#
Single
1
CTRL
2
-DC IN
3
+DC IN
4
TRIM
5
-DC OUT
6
+DC OUT
DERATING
TRIM
A 30cm twisted pair of no.18 AWG copper wire is connected to a
47uF and 0.1uF capacitor of proper polarity and voltage rating.
The oscilloscope probe ground led should connect right to the
ground ring of the probe and be as short as possible.
The oscilloscope bandwidth should be at 20MHz and connected
to AC ground.



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com