Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

ACFF-1025 Datasheet(PDF) 2 Page - AVAGO TECHNOLOGIES LIMITED

Part # ACFF-1025
Description  LTE Band 41 Bandpass Filter
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Direct Link  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

ACFF-1025 Datasheet(HTML) 2 Page - AVAGO TECHNOLOGIES LIMITED

  ACFF-1025 Datasheet HTML 1Page - AVAGO TECHNOLOGIES LIMITED ACFF-1025 Datasheet HTML 2Page - AVAGO TECHNOLOGIES LIMITED ACFF-1025 Datasheet HTML 3Page - AVAGO TECHNOLOGIES LIMITED ACFF-1025 Datasheet HTML 4Page - AVAGO TECHNOLOGIES LIMITED ACFF-1025 Datasheet HTML 5Page - AVAGO TECHNOLOGIES LIMITED ACFF-1025 Datasheet HTML 6Page - AVAGO TECHNOLOGIES LIMITED ACFF-1025 Datasheet HTML 7Page - AVAGO TECHNOLOGIES LIMITED ACFF-1025 Datasheet HTML 8Page - AVAGO TECHNOLOGIES LIMITED ACFF-1025 Datasheet HTML 9Page - AVAGO TECHNOLOGIES LIMITED Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
2
ACFF-1025 Electrical Specifications [2], Z0=50 W, TC[1] as indicated
– 40
°C
– 20
°C
+25
°C
+85
°C
Symbol Parameter
Units
Typ [3]
Min Typ [3] Max
Min Typ [3] Max
Min Typ [3] Max
Ant (Tx/Rx) Port to Tx/Rx (Ant) Port
S21
(S12)
Insertion Loss in Band 41
2496.50 – 2502.00 MHz
2502.00 – 2689.25 MHz
dB
2.1
2.1
2.1
2.3
4.0
3.8
2.2
2.5
3.5
3.5
2.3
2.7
4.0
3.4
S21
(S12)
Insertion Loss Ripple (p-p) in Band 41
(2502.0 – 2689.25 MHz)
dB
0.7
0.8
2.0
0.8
2.0
1.0
2.0
S21
(S12)
Attenuation in Cell Tx Band
(824 – 849 MHz)
dB
57
35
57
35
57
35
57
S21
(S12)
Attenuation in Cell Rx Band
(869 – 894 MHz)
dB
54
30
54
30
54
30
53
S21
(S12)
Attenuation in GPS Band
(1574.4 – 1576.4 MHz)
dB
34
30
34
30
34
30
34
S21
(S12)
Attenuation in PCS Rx Band
(1930.5 – 1989.5 MHz)
dB
44
20
44
20
43
20
43
S21
(S12)
Attenuation in WLAN/Wi-Fi/
Bluetooth Bands
2400 – 2468 MHz
2468 – 2473 MHz
dB
45
45
30
20
45
49
30
20
45
48
30
45
30
S21
(S12)
Attenuation in Band 41
2nd Harmonic Band
(4993 – 5379 MHz)
dB
28
21
28
20
28
20
28
S21
(S12)
Attenuation in Band 41
3rd Harmonic Band
(7489 – 8068 MHz)
dB
12
8
12
8
13
8
13
S11
Return Loss (SWR) of Ant Port
2496.5 – 2689.25 MHz
dB
8.0
(2.3)
8.0
12
(1.7) (2.3)
8.0
(2.3)
S22
Return Loss (SWR) of Tx/Rx Port
2496.5 – 2689.25 MHz
dB
8.0
(2.3)
8.0
17
(1.3) (2.3)
8.0
(2.3)
Notes:
1. TC is the case temperature and is defined as the temperature of the underside of the filter where it makes contact with the circuit board.
2. Min/Max specifications are guaranteed at the indicated temperature with the input power to the Tx/Rx port equal to or less than +25 dBm over all
Tx/Rx frequencies unless otherwise noted.
3. Typical data is the average value of the parameter over the indicated band at the specified temperature. Typical values may vary over time.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com