Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

GVT-0301 Datasheet(PDF) 1 Page - Level One

Part # GVT-0301
Description  Mini GBIC SFP transceiver LX Single-Mode (10km)
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LVL1 [Level One]
Direct Link  http://www.level1.com/
Logo LVL1 - Level One

GVT-0301 Datasheet(HTML) 1 Page - Level One

  GVT-0301 Datasheet HTML 1Page - Level One GVT-0301 Datasheet HTML 2Page - Level One  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image

Mini GBIC
SFP transceiver
LX Single-Mode (10km)
GVT-0301
Product Overview
The LevelOne GVT-0301 SFP (Small form-factor
pluggable) Transceiver provide flexibility for utilizing
fiber Gigabit network connections in both data and
telecommunication applications. GVT-0301 operates
at a nominal wavelength of 1310nm and complies
with Multi_Source Agreement(MSA) Small Form Factor
Pluggable(SFP) . It is a duplex LC transceiver designed
for use in Gigabit Ethernet and to provide a IEEE-802.3z
compliant link for 1.25Gb/s long reach applications up
to 10KM
Support for Mini GBIC Connectivity
The GVT-0301 SFP Transceiver Series transceivers
support LX standard optic with single-mode mini
GBIC connectors. They provide signal amplification to
transfer and receive data between two ends of mini
GBIC ports.
Multi-Purpose Usage
The GVT-0301 SFP transceivers can be used for
distributed multiprocessing, switch-to-switch or
converter-to-switch or converter-to converter
interface, high-speed I/O file transfer, bus extension
applications, and for a channel extender or data
storage applications. The LevelOne GVT-0301 can be
used in any LevelOne switch or modules that support
SFP modules.
Key Features
- Small Form Factor Pluggable MSA compliant
- For Single Mode Applications
- Up to 1310nm & 1.25Gb/s
- Compliant for IEEE-802.3z Gigabit Ethernet
- Easy to install and Hot-pluggable
- Connect switches up to 10km away with each other
- Single 3.3V power supply
- Duplex LC Connector
- TTL signal detect indicator
- EEPROM with serial ID functionality
GSW-2453
3-slot Modularized Combo
Gigabit Switch
Works Well With
H/W Version: 4
GVT-4000
10/100/1000Base-T to
1000Base-X Fiber Converter (SFP)
LC Connector
-


Similar Part No. - GVT-0301

ManufacturerPart #DatasheetDescription
logo
Level One
GVT-0301 LVL1-GVT-0301 Datasheet
1Mb / 4P
L2 Managed Switch - 10 GE with 2 Combo SFP
GVT-0301 LVL1-GVT-0301 Datasheet
313Kb / 3P
4 GE plus 1 GE SFP Switch
GVT-0301 LVL1-GVT-0301 Datasheet
1Mb / 4P
20 GE PoE-Plus plus 4 GE PoE-Plus Combo SFP plus 4 10GE SFP-Plus L2-Plus Managed Switch, 185W
More results

Similar Description - GVT-0301

ManufacturerPart #DatasheetDescription
logo
Level One
GVT-0300 LVL1-GVT-0300 Datasheet
162Kb / 2P
Mini GBIC SFP transceiver SX Multi-Mode (550m)
GVT-0302 LVL1-GVT-0302 Datasheet
195Kb / 2P
Mini GBIC SFP transceiver
SFP-3211 LVL1-SFP-3211 Datasheet
384Kb / 3P
1.25G Single-mode SFP Transceiver (10km)
logo
ATGBICS by Approved Tec...
1000BASE-LX-SFP-C ATGBICS-1000BASE-LX-SFP-C Datasheet
322Kb / 9P
1000BASE-LX-SFP Huawei Compatible Transceiver SFP 1000Base-LX (1310nm, SMF, 10km)
NS-SYS-GBIC-MLX-C ATGBICS-NS-SYS-GBIC-MLX-C Datasheet
323Kb / 9P
NS-SYS-GBIC-MLX Juniper Compatible Transceiver SFP 1000Base-LX (1310nm, SMF, 10km)
OAW-SFP-LX-C ATGBICS-OAW-SFP-LX-C Datasheet
325Kb / 9P
OAW-SFP-LX Alcatel Compatible Transceiver SFP 1000Base-LX (1310nm, SMF, 10km)
SFP-1GE-LX-C ATGBICS-SFP-1GE-LX-C Datasheet
322Kb / 9P
SFP-1GE-LX Juniper Compatible Transceiver SFP 1000Base-LX (1310nm, SMF, 10km)
SFP-DGD-LX-C ATGBICS-SFP-DGD-LX-C Datasheet
322Kb / 9P
SFP-DGD-LX MRV Compatible Transceiver SFP 1000Base-LX (1310nm, SMF, 10km)
SFP-GE-LX-C ATGBICS-SFP-GE-LX-C Datasheet
322Kb / 9P
SFP-GE-LX Redback Compatible Transceiver SFP 1000Base-LX (1310nm, SMF, 10km)
SFP-GIG-LX-C ATGBICS-SFP-GIG-LX-C Datasheet
325Kb / 9P
SFP-GIG-LX Alcatel Compatible Transceiver SFP 1000Base-LX (1310nm, SMF, 10km)
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com