Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

CTCDRH2D18F Datasheet(PDF) 1 Page - Central Technologies

Part # CTCDRH2D18F
Description  Power Inductors - Shielded
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CT [Central Technologies]
Direct Link  http://www.ctparts.com
Logo CT - Central Technologies

CTCDRH2D18F Datasheet(HTML) 1 Page - Central Technologies

  CTCDRH2D18F Datasheet HTML 1Page - Central Technologies  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Manufacturer of Passive Components
800-684-5322 Inside US
949-453-1811 Outside US
Copyright © 2012 by CT Magnetics, DBA Central Technologies. All rights reserved.
CT Magnetics reserves the right to make improvements or change specifications without notice
REV 03.16.07
Power Inductors - Shielded
www.ctparts.com
CTCDRH2D18F
Series
From 2.2 µH to 47 µH
SPECIFICATIONS
Parts are available in ±30% tolerance only.
L Test
DCR
Rated DC
Part
Inductance
Freq.
Max.
Current
Number
(µH)
(KHz)
(mW)
(mA)
CTCDRH2D18F-2R2N
2.2
100
43
850
CTCDRH2D18F-3R3N
3.3
100
60
770
CTCDRH2D18F-4R7N
4.7
100
81
630
CTCDRH2D18F-6R8N
6.8
100
108
570
CTCDRH2D18F-100N
10
100
201
450
CTCDRH2D18F-150N
15
100
227
350
CTCDRH2D18F-220N
22
100
331
300
CTCDRH2D18F-330N
33
100
481
230
CTCDRH2D18F-470N
47
100
660
200
Not Shown at Actual Size
CHARACTERISTICS
PHYSICAL DIMENSIONS
PAD LAYOUT
Description: SMD (shielded) power inductor.
Applications: Power supplies for VTR, OA equipment, LCD
televisions, PC notebooks, portable communication equipment,
DC/DC converters, etc.
Operating Temperature: -30°C to +100°C
Rated DC Current: The rated D.C. current indicates the value of
current when the inductance is 65% more than its nominal value
and temperature rising DT=40°C lower at D.C. superposition.
Inductance Tolerance: ±30%
Testing: Tested on a HP4285A at 100KHz , 0.25Vrms , 0Adc.
Packaging: Tape & Reel.
Marking: Parts are marked with inductance code or letter
identifier.
Miscellaneous: RoHS Compliant.
Additional Information: Additional electrical & physical
information available upon request.
Samples available. See website for ordering information.
A
Marking:
Inductance Code
OR
Letter Identifier
B
F
C
E
D
XXX
C
D
F
I
K
M
O
Q
= 2.2 H
= 3.3 H
= 4.7 H
= 6.8 H
= 10 H
= 15 H
= 22 H
= 33 H
µ
µ
µ
µ
µ
µ
µ
µ
A
B
C
D
E
F
Max.
3.2
3.2
1.0
2.1
3.5
2.0
0.126
0.126
0.04
0.08
0.14
0.078
Size
mm
inches
Unit: mm


Similar Part No. - CTCDRH2D18F

ManufacturerPart #DatasheetDescription
logo
Central Technologies
CTCDRH2D18F-100N CT-CTCDRH2D18F-100N Datasheet
209Kb / 1P
Power Inductors - Shielded
CTCDRH2D18F-150N CT-CTCDRH2D18F-150N Datasheet
209Kb / 1P
Power Inductors - Shielded
CTCDRH2D18F-220N CT-CTCDRH2D18F-220N Datasheet
209Kb / 1P
Power Inductors - Shielded
CTCDRH2D18F-2R2N CT-CTCDRH2D18F-2R2N Datasheet
209Kb / 1P
Power Inductors - Shielded
CTCDRH2D18F-330N CT-CTCDRH2D18F-330N Datasheet
209Kb / 1P
Power Inductors - Shielded
More results

Similar Description - CTCDRH2D18F

ManufacturerPart #DatasheetDescription
logo
Central Technologies
CT916CYF CT-CT916CYF Datasheet
162Kb / 1P
Power Inductors - Shielded
CT918CYF CT-CT918CYF Datasheet
163Kb / 1P
Power Inductors - Shielded
CT960AWF CT-CT960AWF Datasheet
445Kb / 1P
Power Inductors - Shielded
CTCDRH2D11H CT-CTCDRH2D11H Datasheet
176Kb / 1P
Power Inductors - Shielded
CTCDRH4D18 CT-CTCDRH4D18 Datasheet
199Kb / 1P
Power Inductors - Shielded
CTCDRH8D28F CT-CTCDRH8D28F Datasheet
170Kb / 1P
Power Inductors - Shielded
CTCDRH8D43 CT-CTCDRH8D43 Datasheet
176Kb / 1P
Power Inductors - Shielded
CTCDRH74 CT-CTCDRH74 Datasheet
201Kb / 1P
Power Inductors - Shielded
CTCDRH125 CT-CTCDRH125 Datasheet
497Kb / 1P
Power Inductors - Shielded
CTGSR105B CT-CTGSR105B Datasheet
157Kb / 1P
Power Inductors - Shielded
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com