Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

74AXP1G04 Datasheet(PDF) 7 Page - NXP Semiconductors

Part # 74AXP1G04
Description  Low-power inverter
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74AXP1G04 Datasheet(HTML) 7 Page - NXP Semiconductors

Back Button 74AXP1G04_15 Datasheet HTML 3Page - NXP Semiconductors 74AXP1G04_15 Datasheet HTML 4Page - NXP Semiconductors 74AXP1G04_15 Datasheet HTML 5Page - NXP Semiconductors 74AXP1G04_15 Datasheet HTML 6Page - NXP Semiconductors 74AXP1G04_15 Datasheet HTML 7Page - NXP Semiconductors 74AXP1G04_15 Datasheet HTML 8Page - NXP Semiconductors 74AXP1G04_15 Datasheet HTML 9Page - NXP Semiconductors 74AXP1G04_15 Datasheet HTML 10Page - NXP Semiconductors 74AXP1G04_15 Datasheet HTML 11Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 17 page
background image
74AXP1G04
All information provided in this document is subject to legal disclaimers.
© NXP Semiconductors N.V. 2014. All rights reserved.
Product data sheet
Rev. 1 — 25 August 2014
7 of 17
NXP Semiconductors
74AXP1G04
Low-power inverter
12. Waveforms
Measurement points are given in Table 9.
VOL and VOH are typical output voltage levels that occur with the output load.
Fig 6.
The data input (A) to output (Y) propagation delays
Table 9.
Measurement points
Supply voltage
Input
Output
VCC
VM
VI
tr = tf
VM
0.75 V to 2.7 V
0.5VCC
VCC
 3.0 ns
0.5VCC
Tamb = 40 C to +85 C unless otherwise specified.
(1) Minimum: VCC = 2.7 V
(2) Typical: Tamb = 25 C; VCC = 2.5 V
(3) Maximum: VCC = 2.3 V
Tamb = 40 C to +85 C unless otherwise specified.
(1) Minimum: VCC = 1.95 V
(2) Typical: Tamb = 25 C; VCC = 1.8 V
(3) Maximum: VCC = 1.65 V
Fig 7.
Additional tpd versus load capacitance
Fig 8.
Additional tpd versus load capacitance



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com