Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

MAX3000 Datasheet(PDF) 21 Page - Maxim Integrated Products

Part # MAX3000
Description  1.2V to 5.5V, ±15kV ESD-Protected, 0.1uA, 35Mbps, 8-Channel Level Translators
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX3000 Datasheet(HTML) 21 Page - Maxim Integrated Products

Back Button MAX3000 Datasheet HTML 16Page - Maxim Integrated Products MAX3000 Datasheet HTML 17Page - Maxim Integrated Products MAX3000 Datasheet HTML 18Page - Maxim Integrated Products MAX3000 Datasheet HTML 19Page - Maxim Integrated Products MAX3000 Datasheet HTML 20Page - Maxim Integrated Products MAX3000 Datasheet HTML 21Page - Maxim Integrated Products MAX3000 Datasheet HTML 22Page - Maxim Integrated Products MAX3000 Datasheet HTML 23Page - Maxim Integrated Products MAX3000 Datasheet HTML 24Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 21 / 24 page
background image
+1.2V to +5.5V, ±15kV ESD-Protected, 0.1µA,
35Mbps, 8-Channel Level Translators
______________________________________________________________________________________
21
20
19
18
17
16
15
14
13
1
2
3
4
5
6
7
8
VL
I VL1
I VL2
I VL3
I VL4
I VL5
I VL6
I VL7
I VL8
EN
TOP VIEW
12
11
9
10
O VCC8
O VCC7
O VCC6
O VCC5
O VCC4
O VCC3
O VCC2
VCC
O VCC1
GND
MAX3004
TSSOP
20
19
18
17
16
15
14
13
1
2
3
4
5
6
7
8
VL
O VL1
I VL2
I VL3
I VL4
I VL5
I VL6
I VL7
I VL8
EN
12
11
9
10
O VCC8
O VCC7
O VCC6
O VCC5
O VCC4
O VCC3
O VCC2
VCC
I VCC1
GND
MAX3005
TSSOP
20
19
18
17
16
15
14
13
1
2
3
4
5
6
7
8
VL
O VL1
O VL2
I VL3
I VL4
I VL5
I VL6
I VL7
I VL8
EN
12
11
9
10
O VCC8
O VCC7
O VCC6
O VCC5
O VCC4
O VCC3
I VCC2
VCC
I VCC1
GND
MAX3006
TSSOP
20
19
18
17
16
15
14
13
1
2
3
4
5
6
7
8
VL
O VL1
O VL2
O VL3
I VL4
I VL5
I VL6
I VL7
I VL8
EN
12
11
9
10
O VCC8
O VCC7
O VCC6
O VCC5
O VCC4
I VCC3
I VCC2
VCC
I VCC1
GND
MAX3007
TSSOP
20
19
18
17
16
15
14
13
1
2
3
4
5
6
7
8
VL
O VL1
O VL2
O VL3
O VL4
I VL5
I VL6
I VL7
I VL8
EN
12
11
9
10
O VCC8
O VCC7
O VCC6
O VCC5
I VCC4
I VCC3
I VCC2
VCC
I VCC1
GND
MAX3008
TSSOP
20
19
18
17
16
15
14
13
1
2
3
4
5
6
7
8
VL
O VL1
O VL2
O VL3
O VL4
O VL5
I VL6
I VL7
I VL8
EN
12
11
9
10
O VCC8
O VCC7
O VCC6
I VCC5
I VCC4
I VCC3
I VCC2
VCC
I VCC1
GND
MAX3009
TSSOP
Pin Configurations (continued)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com