Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

AFBR-57L5AP Datasheet(PDF) 10 Page - AVAGO TECHNOLOGIES LIMITED

Part # AFBR-57L5AP
Description  Optical Transceiver
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Direct Link  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

AFBR-57L5AP Datasheet(HTML) 10 Page - AVAGO TECHNOLOGIES LIMITED

Back Button AFBR-57L5AP Datasheet HTML 6Page - AVAGO TECHNOLOGIES LIMITED AFBR-57L5AP Datasheet HTML 7Page - AVAGO TECHNOLOGIES LIMITED AFBR-57L5AP Datasheet HTML 8Page - AVAGO TECHNOLOGIES LIMITED AFBR-57L5AP Datasheet HTML 9Page - AVAGO TECHNOLOGIES LIMITED AFBR-57L5AP Datasheet HTML 10Page - AVAGO TECHNOLOGIES LIMITED AFBR-57L5AP Datasheet HTML 11Page - AVAGO TECHNOLOGIES LIMITED AFBR-57L5AP Datasheet HTML 12Page - AVAGO TECHNOLOGIES LIMITED AFBR-57L5AP Datasheet HTML 13Page - AVAGO TECHNOLOGIES LIMITED AFBR-57L5AP Datasheet HTML 14Page - AVAGO TECHNOLOGIES LIMITED Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 19 page
background image
10
Table 8. Receiver Optical Characteristics
(TC = -10°C to 85°C, VccT, VccR = 3.3V ±10%)
Parameter
Symbol
Min.
Typ.
Max.
Unit
Notes
Input Optical Power [Overdrive]
PIN
0
dBm, avg
Input Optical Modulation Amplitude
(Peak-to-Peak) 1.0625 Gb/s [Sensitivity]
OMA
31
µW, OMA
Notes 1, 2
Receiver Sensitivity (Optical Input Power)
PRMIN
17
dBm
Stressed Receiver Sensitivity
(OMA) 1.0625 Gb/s
55
µW, OMA
50/125
µm fiber,
Note 3
67
µW, OMA
62.5/125
µm fiber,
Note 3
Stressed Receiver Sensitivity
(OMA) 1.25 Gb/s
-13.5
dBm
50/125
µm fiber
-12.5
dBm
62.5/125
µm fiber
Return Loss
12
dB
Bit Error Rate
BER
10^-12
Loss of Signal – Assert
PA
27.5
µW, OMA
-30
-17.5
dBm, avg
Note 4
Loss of Signal - De-Assert
PD
31
µW, OMA
-17.0
dBm, avg
Note 4
Loss of Signal Hysteresis
PD - PA
0.5
dB
Notes:
1. Input Optical Modulation Amplitude (commonly known as sensitivity) requires a valid 8B/10B encoded input.
2. An OMA of 31
µW is approximately equal to an average power of –17 dBm, avg with an Extinction Ratio of 9 dB.
3. 1.0625 Gb/s stressed receiver vertical eye closure penalty (ISI) min. is 0.96 dB for 50
µm fiber and 2.18 dB for 62.5 µm fiber. Stressed receiver DCD
component min. (at TX) is 80 ps.
4. These average power values are specified with an Extinction Ratio of 9 dB. The loss of signal circuitry responds to valid 8B/10B encoded peak to
peak input optical power, not average power.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com