Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

AFBR-709DMZ Datasheet(PDF) 2 Page - AVAGO TECHNOLOGIES LIMITED

Part # AFBR-709DMZ
Description  SFP Transceiver
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Direct Link  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

AFBR-709DMZ Datasheet(HTML) 2 Page - AVAGO TECHNOLOGIES LIMITED

  AFBR-709DMZ Datasheet HTML 1Page - AVAGO TECHNOLOGIES LIMITED AFBR-709DMZ Datasheet HTML 2Page - AVAGO TECHNOLOGIES LIMITED AFBR-709DMZ Datasheet HTML 3Page - AVAGO TECHNOLOGIES LIMITED AFBR-709DMZ Datasheet HTML 4Page - AVAGO TECHNOLOGIES LIMITED AFBR-709DMZ Datasheet HTML 5Page - AVAGO TECHNOLOGIES LIMITED AFBR-709DMZ Datasheet HTML 6Page - AVAGO TECHNOLOGIES LIMITED AFBR-709DMZ Datasheet HTML 7Page - AVAGO TECHNOLOGIES LIMITED AFBR-709DMZ Datasheet HTML 8Page - AVAGO TECHNOLOGIES LIMITED AFBR-709DMZ Datasheet HTML 9Page - AVAGO TECHNOLOGIES LIMITED Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 22 page
background image
2
Installation
The AFBR-709DMZ transceiver package is compliant
with the SFF 8432 Improved Pluggable Formfactor hous-
ing specification for the SFP+. It can be installed in any
INF-8074 or SFF-8431/2 compliant Small Form Pluggable
(SFP) port regardless of host equipment operating status
The AFBR-709DMZ is hot-pluggable, allowing the mod-
ule to be installed while the host system is operating and
on-line. Upon insertion, the transceiver housing makes
initial contact with the host board SFP cage, mitigating
potential damage due to Electro-Static Discharge (ESD).
By selecting TX rate select to 1.25 Gbps operation, the
module TX performance complies with the extinction
ratio and output power level in 1000BASE-SX specifica-
tions.
Likewise RX performance complies with the sensitivity
performance in the 1000BASE-SX specifications by se-
lecting RX rate select to 1.25 Gbps operation.
The rate select can be done through either the hardware
pins or the software access to the A2h page of EEPROM
map. The user can refer to the Appendix for details of
rate select.
Digital Diagnostic Interface and Serial Identification
The two-wire interface protocol and signaling detail are
based on SFF-8431. Conventional EEPROM memory,
bytes 0-255 at memory address 0xA0, is organized in
compliance with SFF-8431. New digital diagnostic in-
formation, bytes 0-255 at memory address 0xA2, is
compliant to SFF-8472. The new diagnostic information
provides the opportunity for Predictive Failure Identifi-
cation, Compliance Prediction, Fault Isolation and Com-
ponent Monitoring.
Predictive Failure Identification
The AFBR-709DMZ predictive failure feature allows a
host to identify potential link problems before system
performance is impacted. Prior identification of link
problems enables a host to service an application via
“fail over” to a redundant link or replace a suspect de-
vice, maintaining system uptime in the process. For ap-
plications where ultra-high system uptime is required, a
digital SFP provides a means to monitor two real-time
laser metrics associated with laser degradation and pre-
dicting failure: average laser bias current (Tx_Bias) and
average laser optical power (Tx_Power).
Description, continued
Compliance Prediction
Compliance prediction is the ability to determine if an
optical transceiver is operating within its operating and
environmental requirements. AFBR-709DMZ devices
provide real-time access to transceiver internal supply
voltage and temperature, allowing a host to identify po-
tential component compliance issues. Received optical
power is also available to assess compliance of a cable
plant and remote transmitter. When operating out of
requirements, the link cannot guarantee error free trans-
mission.
Fault Isolation
The fault isolation feature allows a host to quickly pin-
point the location of a link failure, minimizing downtime.
For optical links, the ability to identify a fault at a local
device, remote device or cable plant is crucial to speed-
ing service of an installation. AFBR-709DMZ real-time
monitors of Tx_Bias, Tx_Power, Vcc, Temperature and
Rx_Power can be used to assess local transceiver current
operating conditions. In addition, status flags TX_DIS-
ABLE and Rx Loss of Signal (LOS) are mirrored in memory
and available via the two-wire serial interface.
Component Monitoring
Component evaluation is a more casual use of the
AFBR-709DMZ real-time monitors of Tx_Bias, Tx_Power,
Vcc, Temperature and Rx_Power. Potential uses are as
debugging aids for system installation and design, and
transceiver parametric evaluation for factory or field
qualification. For example, temperature per module can
be observed in high density applications to facilitate
thermal evaluation of blades, PCI cards and systems.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com