Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

IR3871M Datasheet(PDF) 21 Page - International Rectifier

Part # IR3871M
Description  8A HIGHLY INTEGRATED WIDE-INPUT VOLTAGE, SYNCHRONOUS BUCK REGULATOR
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IR3871M Datasheet(HTML) 21 Page - International Rectifier

Back Button IR3871M Datasheet HTML 13Page - International Rectifier IR3871M Datasheet HTML 14Page - International Rectifier IR3871M Datasheet HTML 15Page - International Rectifier IR3871M Datasheet HTML 16Page - International Rectifier IR3871M Datasheet HTML 17Page - International Rectifier IR3871M Datasheet HTML 18Page - International Rectifier IR3871M Datasheet HTML 19Page - International Rectifier IR3871M Datasheet HTML 20Page - International Rectifier IR3871M Datasheet HTML 21Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 21 / 21 page
background image
21
IR3871MPBF
MIN
MAX
MIN
MAX
MIN
MAX
MIN
MAX
A
0.8
1
0.0315
0.0394
L
0.35
0.45
0.0138
0.0177
A1
0
0.05
0
0.002
M
2.441
2.541
0.0962
0.1001
b
0.375
0.475
0.1477
0.1871
N
0.703
0.803
0.0277
0.0314
b1
0.25
0.35
0.0098
0.1379
O
2.079
2.179
0.0819
0.0858
c
P
3.242
3.342
0.1276
0.1316
D
Q
1.265
1.365
0.0498
0.05374
E
R
2.644
2.744
0.1042
0.1081
e
S
1.5
1.6
0.0591
0.063
e1
t1, t2, t3
e2
t4
t5
DIM
MILIMITERS
INCHES
DIM
MILIMITERS
INCHES
0.203 REF.
0.008 REF.
5.000 BASIC
1.970 BASIC
6.000 BASIC
2.364 BASIC
1.033 BASIC
0.0407 BASIC
0.650 BASIC
0.0256 BASIC
0.852 BASIC
0.0259 BASIC
1.153 BASIC
0.045 BASIC
0.727 BASIC
0.0286 BASIC
0.401 BASIC
0.016 BACIS
IR WORLD HEADQUARTERS: 233 Kansas St., El Segundo, California 90245, USA Tel: (310) 252-7105
TAC Fax: (310) 252-7903
This product has been designed and qualified for the Industrial Market (Note 2)
Visit us at www.irf.com for sales contact information
Data and specifications subject to change without notice. 03/12



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com