Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

82P33741 Datasheet(PDF) 1 Page - Integrated Circuit Systems

Part # 82P33741
Description  Differential reference inputs
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

82P33741 Datasheet(HTML) 1 Page - Integrated Circuit Systems

  82P33741 Datasheet HTML 1Page - Integrated Circuit Systems 82P33741 Datasheet HTML 2Page - Integrated Circuit Systems 82P33741 Datasheet HTML 3Page - Integrated Circuit Systems 82P33741 Datasheet HTML 4Page - Integrated Circuit Systems 82P33741 Datasheet HTML 5Page - Integrated Circuit Systems 82P33741 Datasheet HTML 6Page - Integrated Circuit Systems 82P33741 Datasheet HTML 7Page - Integrated Circuit Systems 82P33741 Datasheet HTML 8Page - Integrated Circuit Systems 82P33741 Datasheet HTML 9Page - Integrated Circuit Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
SHORT FORM DATA SHEET
Port Synchronizer for IEEE 1588 and 10G/
40G Synchronous Ethernet
82P33741
82P33741 REVISION 1 09/23/14
1
©2014 Integrated Device Technology, Inc.
HIGHLIGHTS
DPLL1 and DPLL2 can be used on line cards to manage the genera-
tion of synchronous port clocks and IEEE 1588 synchronization sig-
nals based on multiple system backplane references
DPLL3 can be used on line cards to select incoming line clocks for
use on system backplanes; it can also be used for general purpose
timing applications
APLL1 and APLL2 generate clocks with jitter < 1 ps RMS (12 kHz to
20 MHz) for: 1000BASE-T and 1000BASE-X ports and to generate
IEEE 1588 time stamp clocks and 1 pulse per second (PPS) signals
APLL3 is Voltage Controlled Crystal Oscillator (VCXO) based and
generates clocks with jitter <0.3 ps RMS (10 kHz to 20 MHz) for:
10GBASE-R, 10GBASE-W and 40GBASE-R
Fractional-N input dividers support a wide range of reference fre-
quencies
DPLLs, APLL1 and APLL2 can be configured from an external
EEPROM after reset
FEATURES
Differential reference inputs (IN1 to IN6) accept clock frequencies
between 2 kHz and 650 MHz
Single ended inputs (IN7 to IN12) accept reference clock frequencies
between 2 kHz and 162.5 MHz
Loss of Signal (LOS) pins (LOS0 to LOS3) can be assigned to any
clock reference input
Reference monitors qualify/disqualify references depending on activ-
ity, frequency and LOS pins
Automatic reference selection state machines select the active refer-
ence for each DPLL based on the reference monitors, priority tables,
revertive and non-revertive settings and other programmable settings
Fractional-N input dividers enable the DPLLs to lock to a wide range
of reference clock frequencies including: 10/100/1000 Ethernet, 10G
Ethernet, OTN, SONET/SDH, PDH, TDM, GSM and GNSS frequen-
cies
Any reference inputs (IN1 to IN12) can be designated as external
sync pulse inputs (1 PPS, 2 kHz, 4 kHz or 8 kHz) associated with a
selectable reference clock input
FRSYNC_8K_1PPS and MFRSYNC_2K_1PPS output sync pulses
that are aligned with the selected external input sync pulse input and
frequency locked to the associated reference clock input
DPLL1 and DPLL2 can be configured with bandwidths between 18
Hz and 567 Hz
DPLL1 and DPLL2 lock to input references with frequencies between
2 kHz and 650 MHz
DPLL3 locks to input references with frequencies between 8 kHz and
650 MHz
DPLL1 and DPLL2 generate clocks with PDH, TDM, GSM, CPRI/
OBSAI, 10/100/1000 Ethernet and GNSS frequencies; these clocks
are directly available on OUT1
DPLL3 generates N x 8 kHz clocks up to 100 MHz that are output on
OUT8 and OUT9
APLL1, APLL2 and APLL3 can be connected to DPLL1 and DPLL2
APLL1 and APLL2 generate 10/100/1000 Ethernet, 10G Ethernet, or
SONET/SDH frequencies
APLL3 generates 10G Ethernet, WAN-PHY and LAN-PHY frequen-
cies
Any of eight common TCXO/OCXO frequencies can be used for the
System Clock: 10 MHz, 12.8 MHz, 13 MHz, 19.44 MHz, 20 MHz,
24.576 MHz, 25 MHz or 30.72 MHz
The I2C slave interface can be used by a host processor to access
the control and status registers
The I2C master interface can automatically load a device configura-
tion from an external EEPROM after reset; APLL3 must be config-
ured via the I2C slave interface
Differential outputs OUT3 to OUT6 output clocks with frequencies
between 1 PPS and 650 MHz
Differential outputs OUT10 and OUT11 output clocks with frequen-
cies up to 650 MHz
Single ended outputs OUT1, OUT2, and OUT7 output clocks with fre-
quencies between 1 PPS and 125 MHz
Single ended outputs OUT8 and OUT9 output clocks N*8kHz multi-
ples up to 100 MHz
DPLL1 and DPLL2 support independent programmable delays for
each of IN1 to IN12; the delay for each input is programmable in
steps of 0.61 ns with a range of ~±78 ns
The input to output phase delay of DPLL1 and DPLL2 is programma-
ble in steps of 0.0745 ps with a total range of ±20
μs
The clock phase of each of the output dividers for OUT1 to OUT7 is
individually programmable in steps of ~200 ps with a total range of +/
-180°
1149.1 JTAG Boundary Scan
144-pin CABGA green package
APPLICATIONS
Synchronous clock generation for 10/40G and lower rate, Ethernet,
PON OLT and SONET/SDH line card
Access routers, edge routers, core routers
Carrier Ethernet switches
Multiservice access platforms
•PON OLT
LTE eNodeB


Similar Part No. - 82P33741

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
82P33741 IDT-82P33741 Datasheet
813Kb / 61P
Port Synchronizer for IEEE 1588 and Synchronous Ethernet
82P33741 IDT-82P33741 Datasheet
754Kb / 58P
Port Synchronizer for IEEE 1588 Synchronous Ethernet
logo
Renesas Technology Corp
82P33741 RENESAS-82P33741 Datasheet
1Mb / 59P
Port Synchronizer for IEEE 1588 and 10G/ 40G/ 100G Synchronous Ethernet
September 15, 2017
logo
Integrated Device Techn...
82P33741BAG IDT-82P33741BAG Datasheet
813Kb / 61P
Port Synchronizer for IEEE 1588 and Synchronous Ethernet
82P33741BAG IDT-82P33741BAG Datasheet
754Kb / 58P
Port Synchronizer for IEEE 1588 Synchronous Ethernet
More results

Similar Description - 82P33741

ManufacturerPart #DatasheetDescription
logo
Elpida Memory
EDJ1108DJBG ELPIDA-EDJ1108DJBG Datasheet
448Kb / 33P
Differential clock inputs
EDJ2104BDBG ELPIDA-EDJ2104BDBG Datasheet
447Kb / 30P
Differential clock inputs
EDJ2108DEBG ELPIDA-EDJ2108DEBG Datasheet
565Kb / 33P
Differential clock inputs
EDJ2108EEBG ELPIDA-EDJ2108EEBG Datasheet
606Kb / 32P
Differential clock inputs
EDJ4204BFBG ELPIDA-EDJ4204BFBG Datasheet
526Kb / 32P
Differential clock inputs
EDJ4204EFBG ELPIDA-EDJ4204EFBG Datasheet
656Kb / 29P
Differential clock inputs
logo
Integrated Circuit Syst...
82P33714 ICST-82P33714 Datasheet
209Kb / 13P
Differential reference inputs
REVISION 1
82P33724 ICST-82P33724 Datasheet
208Kb / 13P
Differential reference inputs
REVISION 1
logo
Integrated Device Techn...
82P33814 IDT-82P33814 Datasheet
235Kb / 13P
Differential reference inputs
9DMU0131 IDT-9DMU0131 Datasheet
113Kb / 10P
HCSL differential inputs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com