Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

S13R1 Datasheet(PDF) 21 Page - Seiko Instruments Inc

Part # S13R1
Description  REVERSE CURRENT PROTECTION
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SII [Seiko Instruments Inc]
Direct Link  http://www.sii.co.jp
Logo SII - Seiko Instruments Inc

S13R1 Datasheet(HTML) 21 Page - Seiko Instruments Inc

Back Button S13R1 Datasheet HTML 17Page - Seiko Instruments Inc S13R1 Datasheet HTML 18Page - Seiko Instruments Inc S13R1 Datasheet HTML 19Page - Seiko Instruments Inc S13R1 Datasheet HTML 20Page - Seiko Instruments Inc S13R1 Datasheet HTML 21Page - Seiko Instruments Inc S13R1 Datasheet HTML 22Page - Seiko Instruments Inc S13R1 Datasheet HTML 23Page - Seiko Instruments Inc S13R1 Datasheet HTML 24Page - Seiko Instruments Inc S13R1 Datasheet HTML 25Page - Seiko Instruments Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 49 page
background image
REVERSE CURRENT PROTECTION CMOS VOLTAGE REGULATOR
Rev.1.2_00
S-13R1 Series
Seiko Instruments Inc.
21
6. Overcurrent protection circuit
The S-13R1 Series has an overcurrent protection circuit having the characteristics shown in "1. Output voltage vs.
Output current (When load current increases) (Ta =
+25°C)" in " Characteristics (Typical Data)", in order to
protect the output transistor against an excessive output current and short circuiting between the VOUT pin and the
VSS pin. The current (Ishort) when the output pin is short-circuited is internally set at approx. 30 mA typ., and the normal
value is restored for the output voltage, if releasing a short circuit once.
Caution This overcurrent protection circuit does not work as for thermal protection. If this IC long keeps
short circuiting inside, pay attention to the conditions of input voltage and load current so that,
under the usage conditions including short circuit, the loss of the IC will not exceed power
dissipation of the package.
7. Thermal shutdown circuit
The S-13R1 Series has a thermal shutdown circuit to protect the device from damage due to overheat. When the
junction temperature rises to 150
°C typ., the thermal shutdown circuit operates to stop regulating. When the junction
temperature drops to 120
°C typ., the thermal shutdown circuit is released to restart regulating.
Due to self-heating of the S-13R1 Series, if the thermal shutdown circuit starts operating, it stops regulating so that
the output voltage drops. When regulation stops, the S-13R1 Series does not itself generate heat and the IC's
temperature drops. When the temperature drops, the thermal shutdown circuit is released to restart regulating, thus
the S-13R1 Series generates heat again. Repeating this procedure makes the waveform of the output voltage into a
pulse-like form. Stop or restart of regulation continues unless decreasing either or both of the input voltage and the
output current in order to reduce the internal power consumption, or decreasing the ambient temperature.
Table 14
Thermal Shutdown Circuit
VOUT Pin Voltage
Operate: 150
°C typ.
*1
VSS level
Release: 120
°C typ.
*1
Set value
*1. Junction temperature



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com