Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

U3525L-S16-R Datasheet(PDF) 4 Page - Unisonic Technologies

Part # U3525L-S16-R
Description  REGULATING PWM IC
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

U3525L-S16-R Datasheet(HTML) 4 Page - Unisonic Technologies

  U3525L-S16-R Datasheet HTML 1Page - Unisonic Technologies U3525L-S16-R Datasheet HTML 2Page - Unisonic Technologies U3525L-S16-R Datasheet HTML 3Page - Unisonic Technologies U3525L-S16-R Datasheet HTML 4Page - Unisonic Technologies U3525L-S16-R Datasheet HTML 5Page - Unisonic Technologies U3525L-S16-R Datasheet HTML 6Page - Unisonic Technologies U3525L-S16-R Datasheet HTML 7Page - Unisonic Technologies U3525L-S16-R Datasheet HTML 8Page - Unisonic Technologies U3525L-S16-R Datasheet HTML 9Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
U3525
LINEAR INTEGRATED CIRCUIT
UNISONICTECHNOLOGIESCO.,LTD
4 of 9
www.unisonic.com.tw
QW-R103-032,A
ABSOLUATE MAXIUM RATINGS
PARAMETER
SYMBOL
RATINGS
UNIT
Supply Voltage
ViN
40
V
Collector Supply Voltage
VC
40
V
Oscillator Charging Current
IOSC
5
mA
Output Current, Source or Sink
Io
500
mA
Reference Output Current
IR
50
mA
Current through CT Terminal
Logic Inputs
Analog Inputs
IT
5
- 0.3 ~ + 5.5
-0.3 ~ Vi
mA
V
V
Total Power Dissipation at Ta=70 °C
PD
1000
mW
Junction Temperature
TJ
-55 ~ +125
℃
Operating Ambient Temperature
TORP
0 ~ +70
℃
Storage Temperature
TSTG
-65 ~ +150
℃
Note Absolute maximum ratings are those values beyond which the device could be permanently damaged.
Absolute maximum ratings are stress ratings only and functional device operation is not implied.
RECOMMENDED OPERATING CONDITIONS (Note)
PARAMETER
SYMBOL
RATINGS
UNIT
Input Voltage
VIN
8 ~ 35
V
Collector Supply Voltage
VC
4.5 ~ 35
V
Sink/Source Load Current (steady state)
ISTEAD
0 ~ 100
mA
Sink/Source Load Current (peak)
IPEAK
0 ~ 400
mA
Reference Load Current
ILOAD
0 ~ 20
mA
Oscillator Frequency Range
FO
100 ~ 400K
Hz
Oscillator Timing Resistor
RO
2 ~ 150
KΩ
Oscillator Timing Capacitor
CO
0.001 ~ 0.1
µF
Dead Time Resistor Range
RT
0 ~ 500
Ω
Note: Range over which the device is functional and parameter limits are guaranteed.
ELECTRICAL CHARACTERISTICS(VIN= 25V, unless otherwise specified)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP MAX UNIT
REFERENCE SECTION
Output Voltage
VREF
TJ= 25℃
5
5.1
5.2
V
Total Output Variation (Note 1)
Line, Load and Temperature
4.95
5.25
V
Long Term Stability (Note 1)
△
VREF
TJ= 125℃, 1000 hrs
20
50
mV
Line Regulation
△
VREF
VIN= 8 ~ 35 V
10
20
mV
Load Regulation
△
VREF
IL = 0 ~ 20 mA
20
50
mV
Temp. Stability (Note 1)
△
VREF/△T Over Operating Range
20
50
mV
Output Noise Voltage (Note 1)
10 Hz ≤ f ≤ 10 kHz, TJ = 25℃
40
200 µVrms
Short Circuit Current
VREF = 0, TJ = 25℃
80
100
mA
OSCILLATOR SECTION
Clock Amplitude (Note 1, 2)
3
3.5
V
Sync Threshold
1.2
2
2.8
V
Sync Input Current
Sync Voltage = 3.5 V
1
2.5
mA
Current Mirror
IRT = 2 mA
1.7
2
2.2
mA
Maximum Frequency
fMAX
RT = 2 KΩ, CT = 470 pF
400
KHz
Minimum Frequency
fMIN
RT = 200KΩ, CT = 0.1µF
120
Hz
Clock Width (Note 1, 2)
TJ = 25℃
0.3
0.5
1
µs
Initial Accuracy (Note 1, 2)
TJ = 25℃
±2
±6
%
Voltage Stability (Note 1, 2)
VIN = 8 ~ 35 V
±1
±2
%
Temperature Stability (Note 1)
△
f/△T
Over Operating Range
±3
±6
%



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com