Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

3513EG-S16-R Datasheet(PDF) 1 Page - Unisonic Technologies

Part # 3513EG-S16-R
Description  PC POWER SUPPLY SUPERVISORS
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

3513EG-S16-R Datasheet(HTML) 1 Page - Unisonic Technologies

  3513EG-S16-R Datasheet HTML 1Page - Unisonic Technologies 3513EG-S16-R Datasheet HTML 2Page - Unisonic Technologies 3513EG-S16-R Datasheet HTML 3Page - Unisonic Technologies 3513EG-S16-R Datasheet HTML 4Page - Unisonic Technologies 3513EG-S16-R Datasheet HTML 5Page - Unisonic Technologies 3513EG-S16-R Datasheet HTML 6Page - Unisonic Technologies 3513EG-S16-R Datasheet HTML 7Page - Unisonic Technologies 3513EG-S16-R Datasheet HTML 8Page - Unisonic Technologies 3513EG-S16-R Datasheet HTML 9Page - Unisonic Technologies Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
UNISONIC TECHNOLOGIES CO., LTD
3513
CMOS IC
www.unisonic.com.tw
1 of 12
Copyright © 2015 Unisonic Technologies Co., Ltd
QW-R502-129.C
PC POWER SUPPLY
SUPERVISOR
DESCRIPTION
The UTC 3513 is designed to provide protection circuits, power
good output (PGO) indicator, fault protection output (FPOB) and a
PSONB control for PC switching power supply systems.
The protection circuits include over voltage protection (OVP), under
voltage protection (UVP) and over current protection(OCP) monitoring
for 3.3V, 5V and two 12V.
When 3.3V, 5V or 12V voltage is decreasing to 2.68V, 4.3V and
9.9V respectively, the under voltage protection (UVP) function will be
enabled. FPO will be set to high to turn off the PWM controller IC.
Toggling the PSONB from low to high will reset the fault protection
latch.
DIP-16
SOP-16
The voltage difference across external current shunt is used for OCP functions. An external resistor can be used
to adjust protection threshold.
The power supply is turned on after 38mS delay time when PSONB signal is set from high to low. To turn off
power supply, PSONB signal is set from low to high with the delay time 38mS. The PGI circuitry provides a
power-down warning signal for PGO. When PGI input is lower than the internal 1.20V reference voltage, PGO
signal is pulled low.
The device is available in two versions: UTC 3513E/3513F. Specially, fan control function is available in
OTP/FC pin of UTC 3513F.
FEATURES
* OVP/UVP monitors 3.3V, 5V, 12V input voltage level.
* OCP monitors IS33, IS5, IS12 input current sense.
* Fault protection output (FPOB) with Open Drain Output stage.
* Power good output (PGO) with Open Drain Output stage.
* 38ms de-bounce time for PSONB input signal.
* 300ms time delay from PGI to PGO.
* 2.4ms time delay for PSONB to turn off FPOB.
ORDERING INFORMATION
Ordering Number
Lead Free
Halogen Free
Package
Packing
3513EL-D16-T
3513EG-D16-T
DIP-16
Tube
-
3513EG-S16-R
SOP-16
Tape Reel
3513FL-D16-T
3513FG-D16-T
DIP-16
Tube
-
3513FG-S16-R
SOP-16
Tape Reel


Similar Part No. - 3513EG-S16-R

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
3513EG-S16-R UTC-3513EG-S16-R Datasheet
351Kb / 11P
PC POWER SUPPLY SUPERVISOR
More results

Similar Description - 3513EG-S16-R

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
SG6513 ETC-SG6513 Datasheet
227Kb / 11P
PC Power Supply Supervisors
logo
Texas Instruments
LP7510 TI-LP7510 Datasheet
2Mb / 12P
PC POWER SUPPLY SUPERVISORS
logo
Fairchild Semiconductor
SG6516 FAIRCHILD-SG6516 Datasheet
504Kb / 12P
PC Power Supply Supervisors
SG6510X1 FAIRCHILD-SG6510X1 Datasheet
267Kb / 9P
PC Power Supply Supervisors
SG6520A FAIRCHILD-SG6520A Datasheet
1,000Kb / 12P
PC Power Supply Supervisors
logo
Unisonic Technologies
S3515 UTC-S3515 Datasheet
202Kb / 8P
PC POWER SUPPLY SUPERVISORS
S3525 UTC-S3525 Datasheet
303Kb / 9P
PC POWER SUPPLY SUPERVISORS
logo
Texas Instruments
TPS3510DR TI-TPS3510DR Datasheet
520Kb / 18P
PC POWER SUPPLY SUPERVISORS
logo
Unisonic Technologies
3510 UTC-3510_15 Datasheet
328Kb / 8P
PC POWER SUPPLY SUPERVISORS
S3515 UTC-S3515_15 Datasheet
202Kb / 8P
PC POWER SUPPLY SUPERVISORS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com