Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

CMX885 Datasheet(PDF) 17 Page - CML Microcircuits

Part # CMX885
Description  Programmable Voice Scrambler
PDF  69 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CMLMICRO [CML Microcircuits]
Direct Link  http://www.cmlmicro.com
Logo CMLMICRO - CML Microcircuits

CMX885 Datasheet(HTML) 17 Page - CML Microcircuits

Back Button CMX885 Datasheet HTML 13Page - CML Microcircuits CMX885 Datasheet HTML 14Page - CML Microcircuits CMX885 Datasheet HTML 15Page - CML Microcircuits CMX885 Datasheet HTML 16Page - CML Microcircuits CMX885 Datasheet HTML 17Page - CML Microcircuits CMX885 Datasheet HTML 18Page - CML Microcircuits CMX885 Datasheet HTML 19Page - CML Microcircuits CMX885 Datasheet HTML 20Page - CML Microcircuits CMX885 Datasheet HTML 21Page - CML Microcircuits Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 69 page
background image
Marine VHF Audio and Signalling Processor
CMX885
Formatted mode
DSC Modem
BPF
Data Modem
In-band signalling
DTMF
De-
emphasis
De-
scrambler
Channel
filter
Audio
processing
Receive functions
ALT I/P
Mic I/P
Disc I/P
VBias
HPF
Mux
$C1
b11
HPF
Audio
Routing
$B1
b6
VBias
VBias
Input 2
$B1
b15-13
Input 1
$B1
b12-10
Raw mode
Mux
$C1
b4
Mux
$B1
b3,2
Mux
$B1
b5,4
Audio Gain
$B0
b3-0
Data
Modem
Scrambler
Inband
signalling
Programmable tone
DTMF
Audio processing
Transmit functions
Pre-
Emphasis
Channel
filtering
Soft
Limiter
TX
MOD
mode
$A7
b12,13
Mux
$C1
b14-2
Raw mode
DSC Modem
Output 1
Output
2
Formatted mode
MOD2 gain
$B0
b10-8
MOD1 gain
$B0
b14-11
Mux
$B1
b9,8
Mux
$B1
b7
Output
1
Mux
$C1
b13
BPF
Modem
NWR
Modem
Figure 5 Signal Routing
The analogue gain/attenuation of each input and output can be set individually, with additional fine gain
control available via the Programming register.
See:
o
Analogue Output Gain – $B0 write
o
Input Gain and Output Signal Routing – $B1 write
7.4.2
Mode Control
The CMX885 operates in one of three modes:
o
Idle
o
Rx
o
Tx
At power-on or following a Reset, the device will automatically enter Idle mode, which allows for the
maximum powersaving whilst still retaining the capability of monitoring the four ADC inputs (if enabled). It
is only possible to write to the Programming register whilst in Idle mode.
See:
o
Mode Control – $C1 write
©
CML Microsystems Plc
17
2010
D/885/3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com