Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

PA3427G-N24-R Datasheet(PDF) 5 Page - Unisonic Technologies

Part # PA3427G-N24-R
Description  2W STEREO AUDIO AMPLIFIER
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

PA3427G-N24-R Datasheet(HTML) 5 Page - Unisonic Technologies

  PA3427G-N24-R Datasheet HTML 1Page - Unisonic Technologies PA3427G-N24-R Datasheet HTML 2Page - Unisonic Technologies PA3427G-N24-R Datasheet HTML 3Page - Unisonic Technologies PA3427G-N24-R Datasheet HTML 4Page - Unisonic Technologies PA3427G-N24-R Datasheet HTML 5Page - Unisonic Technologies PA3427G-N24-R Datasheet HTML 6Page - Unisonic Technologies PA3427G-N24-R Datasheet HTML 7Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
PA3427
Preliminary
CMOS IC
UNISONICTECHNOLOGIESCO.,LTD
5 of 7
www.unisonic.com.tw
QW-R502-357.b
TYPICAL APPLICATION CIRCUIT
GND
SHUTDOWN 22
VDD 19
PVDD 7.18
1, 12, 13, 24
LOUT- 3
LOUT+ 4
ROUT- 16
ROUT+ 21
Right
MUX
RLINEIN
RHPIN
23
20
1µF
1µF
Right Linein Negative
Differential Input
Right Hpin Negative
Differential Input
RIN
1µF
Right Hpin/Linein Positive
Differential Input
8
1µF
PC-BEEP Input Signal
PC-Beep
14
BYPASS
11
2.2µF
GAIN0
GAIN1
SE/BTL
HP/LINE
2
3
15
17
0.1µF
LLINEIN
LHPIN
LIN
5
6
10
1µF
1µF
Left Linein Negative
Differential Input
Left Hpin Negative
Differential Input
Left Hpin/Linein Positive
Differential Input
1µF
220µF
VDD
1K
1K
220µF
1µF
10µF
100K
100K
Gain/
MUX
Control
Depop
Circuitry
Power
Management
PC-Beep
+
-
+
-
+
-
+
-
Left
MUX
Application Circuit Using Differential Inputs
Note: 1µF ceramic capacitor must be placed much closely to the IC. For filtering lower frequency noise signals, a
larger electrolytic capacitor of 10µF or greater should be placed as close as possible to the audio power
amplifier.



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com