Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

MC3361BPL-S16-R Datasheet(PDF) 4 Page - Unisonic Technologies

Part # MC3361BPL-S16-R
Description  LOW VOLTAGE/POWER NARROW BAND FM IF
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

MC3361BPL-S16-R Datasheet(HTML) 4 Page - Unisonic Technologies

  MC3361BPL-S16-R Datasheet HTML 1Page - Unisonic Technologies MC3361BPL-S16-R Datasheet HTML 2Page - Unisonic Technologies MC3361BPL-S16-R Datasheet HTML 3Page - Unisonic Technologies MC3361BPL-S16-R Datasheet HTML 4Page - Unisonic Technologies MC3361BPL-S16-R Datasheet HTML 5Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
MC3361BP
LINEAR INTEGRATED CIRCUIT
UNISONICTECHNOLOGIESCO.,LTD
4 of 5
www.unisonic.com.tw
QW-R108-010.D
ABSOLUTE MAXIMUM RATINGS (T
A=25°C)
PARAMETER
SYMBOL
RATING
UNIT
Max. Supply Voltage
Vcc(MAX)
10
V
Supply Voltage Range
Vcc
2.5 to 7.0
V
Detector Input voltage
VI(DET)
1.0
Vp-p
RF Input Voltage (Vcc≧4.0V)
VI(RF)
1.0
Vrms
Mute Function
VMUTE
-0.5 ~ + 5.0
Vpeak
Operating Temperature
TOPR
-20 ~ +70
°C
Storage Temperature
TSTG
-65 ~ +150
°C
Note: Absolute maximum ratings are those values beyond which the device could be permanently damaged.
Absolute maximum ratings are stress ratings only and functional device operation is not implied.
ELECTRICAL CHARACTERISTICS
(Vcc=4.0V, fo=10.7MHz,
Δf=±3KHz, f
MOD=1KHz, Ta=25°C, unless otherwise specified)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Squelch OFF (V12=2V)
4.0
mA
Operating Current
Icc
Squelch ON (V12=GND)
6.0
mA
Input Limiting Voltage
VI(LIMIT)
-3.0dB limiting
2.0
μV
Detector Output Voltage
VO(DET)
2.0
Vdc
Detector Output Impedance
ZO(DET)
400
Ω
Audio Output Voltage
VO
VIN=10mV
100
160
mVrms
Filter Gain
GV
f=10KHz,VIN=5mV
40
48
dB
Filter Output DC Voltage
VO(DC)
1.5
Vdc
Trigger Hysteresis of Filter
VTH
50
mV
Mute Switch-ON Resistance
RON(MUTE)
Mute “Low”
10
Ω
Mute Switch-OFF Resistance
ROFF(MUTE)
Mute “High”
10
M
Ω
Scan Control “Low” Output
VL(SCAN)
Mute OFF (V12=2V)
0.5
Vdc
Scan Control “High” Output
VH(SCAN)
Mute ON (V12=GND)
3.0
Vdc
Mixer Conversion Gain
GV(MIXER)
24
dB
Mixer Input Resistance
RI(MIXER)
3.3
K
Ω
Mixer Input Capacitance
CI(MIXER)
2.2
pF



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com