Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

APT1608LSECK-J3-PRV Datasheet(PDF) 1 Page - Kingbright Corporation

Part # APT1608LSECK-J3-PRV
Description  Low power consumption
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KINGBRIGHT [Kingbright Corporation]
Direct Link  http://www.us.kingbright.com
Logo KINGBRIGHT - Kingbright Corporation

APT1608LSECK-J3-PRV Datasheet(HTML) 1 Page - Kingbright Corporation

  APT1608LSECK-J3-PRV Datasheet HTML 1Page - Kingbright Corporation APT1608LSECK-J3-PRV Datasheet HTML 2Page - Kingbright Corporation APT1608LSECK-J3-PRV Datasheet HTML 3Page - Kingbright Corporation APT1608LSECK-J3-PRV Datasheet HTML 4Page - Kingbright Corporation APT1608LSECK-J3-PRV Datasheet HTML 5Page - Kingbright Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
SPEC NO: DSAN8387
REV NO: V.2A
DATE: APR/28/2015
PAGE: 1 OF 5
APPROVED: WYNEC
CHECKED: Allen Liu
DRAWN: Q.M.Chen
ERP: 1203014455
1.6X0.8mm SMD CHIP LED LAMP
Part Number: APT1608LSECK/J3-PRV
Hyper Red
Features
1.6mmX0.8mm SMT LED, 0.75mm thickness.
Low power consumption.
Wide viewing angle.
Ideal for backlight and indicator.
Package: 2000pcs / reel .
Moisture sensitivity level : level 3.
Low current IF=2mA operating.
RoHS compliant.
Description
The Hyper Red device is based on light emitting diode chip
made from AlGaInP.
Package Dimensions
Notes:
1. All dimensions are in millimeters (inches).
2. Tolerance is ±0.1(0.004") unless otherwise noted.
3. The specifications, characteristics and technical data described in the datasheet are subject to change without prior notice.
4. The device has a single mounting surface. The device must be mounted according to the specifications.


Similar Part No. - APT1608LSECK-J3-PRV

ManufacturerPart #DatasheetDescription
logo
HK TO-GRACE TECHNOLOGY ...
APT1608LSECK-J3-PRV TO-GRACE-APT1608LSECK-J3-PRV Datasheet
819Kb / 4P
1.6 x 0.8 mm SMD Chip LED Lamp
More results

Similar Description - APT1608LSECK-J3-PRV

ManufacturerPart #DatasheetDescription
logo
HB Electronic Component...
STR2-16W-130 HB-STR2-16W-130 Datasheet
53Kb / 2P
Low power consumption
STR3 HB-STR3 Datasheet
52Kb / 2P
Low power consumption
logo
Kingbright Corporation
APG1005RWF-T-5MAV KINGBRIGHT-APG1005RWF-T-5MAV Datasheet
245Kb / 6P
Low power consumption
APG1608SURKC-T KINGBRIGHT-APG1608SURKC-T Datasheet
244Kb / 5P
Low power consumption
APHHS1005LCGCK KINGBRIGHT-APHHS1005LCGCK Datasheet
226Kb / 5P
Low power consumption
APHHS1005LSYCK-J3-PF KINGBRIGHT-APHHS1005LSYCK-J3-PF Datasheet
255Kb / 5P
Low power consumption
APHHS1005LZGCK-V KINGBRIGHT-APHHS1005LZGCK-V Datasheet
262Kb / 5P
Low power consumption
APT1608LSECK-J4-PRV KINGBRIGHT-APT1608LSECK-J4-PRV Datasheet
233Kb / 5P
Low power consumption
APG0603RWF-TT-5MAV KINGBRIGHT-APG0603RWF-TT-5MAV Datasheet
248Kb / 6P
Low power consumption
APTD1608LSYCK-J3-PF KINGBRIGHT-APTD1608LSYCK-J3-PF Datasheet
237Kb / 5P
Low power consumption
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com