Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

C555L-S08-R Datasheet(PDF) 2 Page - Unisonic Technologies

Part # C555L-S08-R
Description  SINGLE TIMER
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

C555L-S08-R Datasheet(HTML) 2 Page - Unisonic Technologies

  C555L-S08-R Datasheet HTML 1Page - Unisonic Technologies C555L-S08-R Datasheet HTML 2Page - Unisonic Technologies C555L-S08-R Datasheet HTML 3Page - Unisonic Technologies C555L-S08-R Datasheet HTML 4Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
C555
Preliminary
CMOS IC
UNISONICTECHNOLOGIESCO.,LTD
2 of 4
www.unisonic.com.tw
QW-R502-A12.b
PIN CONFIGURATION
PIN DESCRIPTION
PIN No.
PIN NAME
DESCRIPTION
1
GND
Ground
2
TRIGGER
Trigger voltage input
3
Output
Output
4
RESET
Direct reset low input
5
Control_Voltage Control voltage
6
Threshold
Threshold voltage input
7
Discharge
Discharging when output is low
8
VCC
Supply voltage
TRUTH TABLE
THRESHOLD
TRIGGER
RESET
OUTPUT
DISCHARGE
X
X
L
L
ON
>2/3×VCC
>1/3×VCC
H
L
ON
<2/3×VCC
>1/3×VCC
H
STABLE
STABLE
X
<1/3×VCC
H
H
OFF
BLOCK DIAGRAM



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com