Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

65041 Datasheet(PDF) 1 Page - Micropac Industries

Part # 65041
Description  Wide operating voltage range 18 to 32 V
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROPAC [Micropac Industries]
Direct Link  http://www.micropac.com
Logo MICROPAC - Micropac Industries

65041 Datasheet(HTML) 1 Page - Micropac Industries

  65041 Datasheet HTML 1Page - Micropac Industries 65041 Datasheet HTML 2Page - Micropac Industries  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
MICROPAC INDUSTRIES, INC. OPTOELECTRONIC PRODUCTS DIVISION
• 725 E.Walnut St., Garland, TX 75040 • (972)272-3571 • Fax (972)487-6918
www.micropac.com
E-MAIL: OPTOSALES @ MICROPAC.COM
65041
HIGH RELIABILITY HALL EFFECT STUD,
NON-LATCHING OUTPUT INTEGRAL CONNECTOR
09/05/06
Features:
Wide operating temperature range -55 ºC to +150ºC
High magnetic sensitivity
Wide operating voltage range 18 to 32 V
Chopper stabilized amplifier minimizes amplifier
offset resulting in improved temperature stability
MIL-STD-202 and MIL-STD-461E Qualified
Applications:
Proximity sensing
Gear tooth sensing
Speed sensing
Angular Position sensing
DESCRIPTION
The 65041 Hall effect stud sensor switches when exposed to the minimum specified magnetic field level. The sensor
switches LOW when sensing the minimum required magnetic field and switches HIGH when the magnetic field is
removed. The sensor is built into a threaded stainless steel tube and contains a single element Hall effect IC. Additional
circuitry is added to expand the operating supply voltage range and provide surge protection against outside induced
transcients.
ABSOLUTE MAXIMUM RATINGS
Supply Voltage Range. ........................................................................................................................................ 18.0 V to 32.0 V
Input Supply Current .......................................................... .............................................................................………..…... 25 mA
Power Dissipation, @ TA = 25°C (PD)…….…………………………..………………………..……………………………….100 mW
Output Current ………….……………………………………………………………………………………………………….....20 mA
Storage Temperature.................................................................................................................................……...-65°C to +150°C
Operating Free-Air Temperature Range.............................................................................................................. -55°C to +150°C
Package Dimensions
CONNECTOR
801-012-03Z16-7CA
(GLENAIR)
0.070 X 0.035
KEYWAY
PIN 1 - Vcc
PIN 2 - GROUND
PIN 3 - OUTPUT
2.325 MAX.
0.469 - 32UNS-2A
FULLY THREADED
0.469
TOLERANCE: ±0.010 UNLESS OTHERWISE SPECIFIED.
ALL DIMENSIONS ARE IN INCHES.
HARDWARE SUPPLIED SEPARATELY,
NOT ASSEMBLED TO THE PART.
Schematic Diagram
HED
VOLT
REG.
GROUND
Vcc = +28 V
OUTPUT
CONNECTOR SHELL WELDED TO OUTER CASE
TO PROVIDE CONNECTION CONTINUITY
MICROPAC
OPTOELECTRONIC PRODUCTS
DIVISION


Similar Part No. - 65041

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
65040 VISHAY-65040 Datasheet
352Kb / 3P
Double-Ended Shear Beam Load Cell
06-Jul-04
logo
FCI connector
65043 FCI-CONNECTOR-65043 Datasheet
659Kb / 11P
MINI LATCH HOUSING DOUBLE ROW .100
logo
Amphenol Communications...
65043-030LF AMPHENOLCS-65043-030LF Datasheet
325Kb / 5P
PV® WIRE-TO-BOARD CONNECTOR SYSTEM
logo
FCI connector
65043-033LF FCI-CONNECTOR-65043-033LF Datasheet
126Kb / 2P
MINI LATCH HOUSING DOUBLE ROW 2.54mm
logo
Extech Instruments Corp...
650470 EXTECH-650470 Datasheet
242Kb / 1P
Big Digit LCD display in rugged housing With choice of stick or cabled pH Electrode
More results

Similar Description - 65041

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74HC174DT TI-SN74HC174DT Datasheet
1Mb / 22P
Wide Operating Voltage Range of 2 V to 6 V
logo
Richtek Technology Corp...
RT8258GE RICHTEK-RT8258GE Datasheet
401Kb / 12P
Wide Operating Input Voltage Range : 4.5V to 24V
logo
Micropac Industries
65037 MICROPAC-65037 Datasheet
285Kb / 3P
Wide operating voltage range 18 to 32 V
logo
Cypress Semiconductor
MB3800 CYPRESS-MB3800 Datasheet
578Kb / 21P
Wide supply voltage operating range: 1.8 V to 15 V
logo
Allegro MicroSystems
ATS468 ALLEGRO-ATS468 Datasheet
847Kb / 15P
Wide operating voltage range
logo
First Components Intern...
MB3800 FCI-MB3800 Datasheet
63Kb / 4P
Wide supply voltage operating range: 1.8 to 15 V
logo
Infineon Technologies A...
TLE4961-1K INFINEON-TLE4961-1K Datasheet
1Mb / 26P
3.0 V to 32 V operating supply voltage
Revision 1.0, 2012-05-15
TLE4961-1L INFINEON-TLE4961-1L Datasheet
1Mb / 26P
3.0 V to 32 V operating supply voltage
Revision 1.0, 2012-07-18
TLE4968-1L INFINEON-TLE4968-1L Datasheet
1Mb / 26P
3.0 V to 32 V operating supply voltage
Revision 1.0, 2011-07-18
logo
Unisonic Technologies
UAS16V UTC-UAS16V Datasheet
85Kb / 4P
WIDE OPERATING VOLTAGE RANGE REGULATOR
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com