Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

SL03 Datasheet(PDF) 1 Page - Micro Commercial Components

Part # SL03
Description  Transient Voltage Suppressor 300 Watt
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MCC [Micro Commercial Components]
Direct Link  http://www.mccsemi.com
Logo MCC - Micro Commercial Components

SL03 Datasheet(HTML) 1 Page - Micro Commercial Components

  SL03 Datasheet HTML 1Page - Micro Commercial Components SL03 Datasheet HTML 2Page - Micro Commercial Components  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Features
l
SOT-23 Package For surface mount application
l
Protects 3.0/3.3 up through 24V Components
l
Protects 1 Unidirectional line
l
Provides electrically isolated protection
l
Tape & Reel EIA Standard 481.
Mechanical Data
l
Molded: SOT-23 Surface Mount
l
Body marked with device number.
l
Mounting Position: Any
l
Weight: 0.14 grams (approx.)
MAXIMUM RATINGS
§ Operating Temperature: -55oC to +150oC
§ Storage Temperature: -55oC to +150oC
§ SL03 thru SL24 have a Peak Pulse Power: 300 Watts
(8/20 usec, Figure 1)
§ Pulse Repetition Rate: <.01%
Description
This product provides unidirectional protection for 1
SL03
THRU
SL24
Transient
Voltage Suppressor
300 Watt
SOT-23
Suggested Solder
Pad Layout
DIMENSIONS
INCHES
MM
DIM
MIN
MAX
MIN
MAX
NOTE
A
.110
.120
2.80
3.04
B
.083
.098
2.10
2.64
C
.047
.055
1.20
1.40
D
.035
.041
.89
1.03
E
.070
.081
1.78
2.05
F
.018
.024
.45
.60
G
.0005
.0039
.013
.100
H
.035
.044
.89
1.12
J
.003
.007
.085
.180
K
.015
.020
.37
.51
A
B
C
D
E
F
G
H
J
.079
2.000
inches
mm
.031
.800
.035
.900
.037
.950
.037
.950
www.mccsemi.com
line by connecting the input/output line to pin 1, pin 2 to
common or ground and pin 3 (is not connected).
The SL03 thru SL24 product provides board level
protection from static electricity and other induced-voltage
surges that can damage sensitive circuitry.
These TRANSIENT VOLTAGE SUPPRESSOR (TVS)
Diode Arrays protect 3.0/3.3 Volt components such as
DRAM's, SRAM's, COMS, HCOMS, HSIC, and low volt.
interfaces up to 24 volts. Because of the physical size,
weight and protection capabilities, this product is ideal
for use in but not limited to miniaturized electronic
equipment such as hand held instruments, computers,
computer peripherals and cell phones.
 omponents
21201 Itasca Street Chatsworth

 !"#
$%    !"#
MCC


Similar Part No. - SL03

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
SL03 MICROSEMI-SL03 Datasheet
89Kb / 2P
TVSarray Series
logo
Vishay Siliconix
SL03 VISHAY-SL03 Datasheet
98Kb / 5P
Small Surface Mount Schottky Diodes
21-Feb-03
SL03 VISHAY-SL03 Datasheet
117Kb / 7P
Small Signal Schottky Diodes
13-Apr-05
SL03 VISHAY-SL03 Datasheet
144Kb / 7P
Small Signal Schottky Diodes
23-Jul-10
SL03 VISHAY-SL03 Datasheet
83Kb / 6P
Small Signal Schottky Diodes
23-Jul-10
More results

Similar Description - SL03

ManufacturerPart #DatasheetDescription
logo
Micro Commercial Compon...
SM03 MCC-SM03 Datasheet
416Kb / 2P
Transient Voltage Suppressor 500 Watt
logo
Microsemi Corporation
TGL41-6.8 MICROSEMI-TGL41-6.8 Datasheet
189Kb / 4P
500 Watt Transient Voltage Suppressor
logo
Comchip Technology
CTAN1424V-G COMCHIP-CTAN1424V-G Datasheet
147Kb / 3P
300 Watt Transient Voltage Suppressor
logo
Microsemi Corporation
P6KE6.8 MICROSEMI-P6KE6.8 Datasheet
246Kb / 4P
600 Watt TRANSIENT VOLTAGE SUPPRESSOR
logo
Rectron Semiconductor
TMPG06-27 RECTRON-TMPG06-27 Datasheet
28Kb / 3P
TRANSIENT VOLTAGE SUPPRESSOR 300 WATT PEAK POWER 1.0 WATT STEADY STATE
logo
Nexperia B.V. All right...
PTVSXU1UPA NEXPERIA-PTVSXU1UPA Datasheet
510Kb / 13P
300 W Transient Voltage Suppressor
PTVS24VU1UPA NEXPERIA-PTVS24VU1UPA Datasheet
265Kb / 13P
300 W Transient Voltage Suppressor
PTVS22VU1UPA NEXPERIA-PTVS22VU1UPA Datasheet
262Kb / 13P
300 W Transient Voltage Suppressor
PTVS20VU1UPA NEXPERIA-PTVS20VU1UPA Datasheet
260Kb / 14P
300 W Transient Voltage Suppressor
PTVSXU1UPA_SER NEXPERIA-PTVSXU1UPA_SER Datasheet
881Kb / 12P
300 W Transient Voltage Suppressor
Rev. 1 - 6 March 2014
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com