Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

U74AHCT14G-S14-R Datasheet(PDF) 3 Page - Unisonic Technologies

Part # U74AHCT14G-S14-R
Description  HEX SCHMITT-TRIGGER INVERTER
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

U74AHCT14G-S14-R Datasheet(HTML) 3 Page - Unisonic Technologies

  U74AHCT14G-S14-R Datasheet HTML 1Page - Unisonic Technologies U74AHCT14G-S14-R Datasheet HTML 2Page - Unisonic Technologies U74AHCT14G-S14-R Datasheet HTML 3Page - Unisonic Technologies U74AHCT14G-S14-R Datasheet HTML 4Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
U74AHCT14
CMOS IC
UNISONICTECHNOLOGIESCO.,LTD
3 of 4
www.unisonic.com.tw
QW-R502-799.A
ABSOLUTE MAXIMUM RATING (TA=25°C, unless otherwise specified)(Note 1)
PARAMETER
SYMBOL
RATINGS
UNIT
Supply Voltage
VCC
-0.5~7
V
Input Voltage
VIN
-0.5~7
V
Output Voltage(active mode)
VOUT
-0.5~VCC+0.5
V
Input Clamp Current(VIN<0)
IIK
-20
mA
Output Clamp Current(VOUT<0)
IOK
±20
mA
Output Current
IOUT
±25
mA
VCC or GND Current
ICC
±50
mA
Storage Temperature
TSTG
-65 ~ +150
°C
Note 1. The input and output voltage ratings may be exceeded if the input and output current ratings are observed.
2. Absolute maximum ratings are those values beyond which the device could be permanently damaged.
Absolute maximum ratings are stress ratings only and functional device operation is not implied.
RECOMMENDED OPERATING COMDITIONS
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNIT
Supply Voltage
VCC
Operating
4.5
5.5
V
Input Voltage
VIN
0
5.5
V
Output Voltage
VOUT
0
VCC
V
Operating Temperature
TA
-40
+85
°C
STATIC CHARACTERISTICS (TA=25°C, unless otherwise specified)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Positive-Going Input Threshold
Voltage
VT+
VCC =4.5V
0.9
1.9
V
VCC =5.5V
1
2.1
Negative-Going Input Threshold
Voltage
VT-
VCC =4.5V
0.5
1.5
V
VCC =5.5V
0.6
1.7
Hysteresis Voltage (VT+-VT-)
△
VT
VCC =4.5V
0.4
1.4
V
VCC =5.5V
0.4
1.5
High-Level Output Voltage
VOH
VCC =4.5V, IOH=-50μA
4.4
V
VCC =4.5V, IOH=-8mA
3.94
Low-Level Output Voltage
VOL
VCC =4.5V, IOL=50μA
0.1
V
VCC =4.5V, IOL=8mA
0.36
Input Leakage Current
II(LEAK)
VCC =0V ~ 5.5V, VIN=VCC or GND
±0.1
μA
Quiescent Supply Current
ICC
VCC = 5.5V, VIN=5.5V or GND, IOUT=0
0.1
2
μA
Additional Quiescent Supply
Current
ΔICC
VCC = 5.5V, One input at 3.4V, other
inputs at VCC or GND
1.35
mA
Input Capacitance
CIN
VCC =3.3V, VIN=VCC or GND
2
10
pF
DYNAMIC CHARACTERISTICS (Input: tR, tF≤3ns; PRR≤1MHz)
See Fig. 1 and Fig. 2 for test circuit and waveforms.
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Propagation delay from input
(A or B) to output(Y)
tPLH/tPHL
VCC=5V±0.5V, CL =15pF
4
7
ns
VCC=5V±0.5V, CL =50pF
5.5
8
OPERATING CHARACTERISTICS
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Power Dissipation Capacitance
Cpd
No load, f=1MHz, VCC=5V
12
pF



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com