Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

62118 Datasheet(PDF) 2 Page - Micropac Industries

Part # 62118
Description  TRI-COLOR HERMETIC LED INDICATORS
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROPAC [Micropac Industries]
Direct Link  http://www.micropac.com
Logo MICROPAC - Micropac Industries

62118 Datasheet(HTML) 2 Page - Micropac Industries

  62118 Datasheet HTML 1Page - Micropac Industries 62118 Datasheet HTML 2Page - Micropac Industries  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
MICROPAC INDUSTRIES, INC. OPTOELECTRONIC PRODUCTS DIVISION  725 E.Walnut St., Garland, TX 75040  (972)272-3571  Fax (972)487-6918
www.micropac.com
E-MAIL: OPTOSALES @ MICROPAC.COM
62118
TRI-COLOR HERMETIC LED INDICATORS
06/27/2012
ELECTRICAL CHARACTERISTICS
TA = 25°C unless otherwise specified
PARAMETER LIMITS
PART NUMBER
COLOR
TEST CONDITION
PEAK
IV1 = 0°
IV2 = 30º
VF
C
IR
TYP.
MIN.
MIN.
MAX.
MAX.
MAX.
62118
RED
IF = 20 mA
635
3 mcd
1.5 mcd
2.4 V
100 pF
62118
BLUE
IF = 20 mA
475
3 mcd
1.5 mcd
3.5 V
100 pF
62118
VIOLET
IF = 20 mA
375
3 mcd
1.5 mcd.
4.0 V
100 pF
62118
All
VR = 3 V
10
A
Relative Luminous Intensity
vs.
40°
70°
80°
90°
60°
50°
20°
30°
10°
020
40
60
0°
0.75
0.25
0.50
100
80
1.25
1.00
RECOMMENDED OPERATING CONDITIONS:
PARAMETER
SYMBOL
MIN
MAX
UNITS
Forward Current
IF
20
mA
Operating Temperature
TA
-40
+85
°
C
SELECTION GUIDE
PART NUMBER
PART DESCRIPTION
62118-001
Commercial
62118-101
Screened
Angular Displacement
ANGULAR DISPLACEMENT - DEGREE



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com