Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

U74HCT4094G-P16-R Datasheet(PDF) 4 Page - Unisonic Technologies

Part # U74HCT4094G-P16-R
Description  8-STAGE SHIFT&STORE BUS REGISTER
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

U74HCT4094G-P16-R Datasheet(HTML) 4 Page - Unisonic Technologies

  U74HCT4094G-P16-R Datasheet HTML 1Page - Unisonic Technologies U74HCT4094G-P16-R Datasheet HTML 2Page - Unisonic Technologies U74HCT4094G-P16-R Datasheet HTML 3Page - Unisonic Technologies U74HCT4094G-P16-R Datasheet HTML 4Page - Unisonic Technologies U74HCT4094G-P16-R Datasheet HTML 5Page - Unisonic Technologies U74HCT4094G-P16-R Datasheet HTML 6Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
U74HCT4094
CMOS IC
UNISONICTECHNOLOGIESCO.,LTD
4 of 6
www.unisonic.com.tw
QW-R502-665.A
ABSOLUTE MAXIMUM RATING
PARAMETER
SYMBOL
RATINGS
UNIT
Supply Voltage
VCC
-0.5 ~ 7.0
V
Input Voltage
VIN
-0.5 ~ VCC +1.5
V
Output Voltage
VOUT
-0.5 ~ VCC +0.5
V
VCC or GND Current
ICC
±50
mA
Input Current
IIN
±20
mA
Output Current
IOUT
±25
mA
Storage Temperature
TSTG
-65 ~ + 150
Note: Absolute maximum ratings are those values beyond which the device could be permanently damaged.
Absolute maximum ratings are stress ratings only and functional device operation is not implied.
RECOMMENDED OPERATING CONDITIONS
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Supply Voltage
VCC
Operating
4.5
5.5
V
Input Voltage
VIN
0
VCC
V
Output Voltage
VOUT
0
VCC
V
Operating Temperature
TA
-40
+125
Input Rise or Fall Times
tR, tF
VCC=4.5V to 5.5V
500
ns
ELECTRICAL CHARACTERISTICS(TA=25℃)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN TYP MAX UNIT
High-level input voltage
VIH
VCC=4.5V to 5.5V
2.0
1.6
V
Low-lever output voltage
VIL
VCC=4.5V to 5.5V
1.2
0.8
V
VCC=4.5V, IOH=-20μA
4.4
V
High-Level Output Voltage,
VOH
VCC=4.5V, IOH=-4mA
3.98
V
VCC=4.5V, IOL=20μA
0.1
V
Low-Level Output Voltage,
VOL
VCC=4.5V, IOH=4mA
0.26
V
Input Leakage Current
II(LEAK)
VCC=5.5V,VIN= 3V or GND
±0.1
μA
Output OFF -state current
IOZ
VCC=5.5V,VOUT=VCC or GND
±0.5
μA
Quiescent Supply Current
Icc
VCC=5.5V, VIN=3V or GND, IOUT=0
4
μA
STR
100
360
OE
150
540
CP
150
540
Additional Quiescent Supply Current
ICC
VIN=VCC-2.1V,
other inputs at VCC or GND
D
40
144
μA



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com